Electronic Components Datasheet Search
  English  ▼

X  

ISO7631FC Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7631FC
Description  Low Power Triple and Quad Channels Digital Isolators
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7631FC Datasheet(HTML) 20 Page - Texas Instruments

Back Button ISO7631FC Datasheet HTML 16Page - Texas Instruments ISO7631FC Datasheet HTML 17Page - Texas Instruments ISO7631FC Datasheet HTML 18Page - Texas Instruments ISO7631FC Datasheet HTML 19Page - Texas Instruments ISO7631FC Datasheet HTML 20Page - Texas Instruments ISO7631FC Datasheet HTML 21Page - Texas Instruments ISO7631FC Datasheet HTML 22Page - Texas Instruments ISO7631FC Datasheet HTML 23Page - Texas Instruments ISO7631FC Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
OUT
8 W
13 W
IN
1 MW
500 W
Input
Output
VCC
VCC
VCC
EN
1 MW
500 W
Enable
VCC
VCC
VCC
ISO7631FM, ISO7631FC
ISO7640FC, ISO7641FC
SLLSEC3A – SEPTEMBER 2012 – REVISED SEPTEMBER 2012
www.ti.com
TYPICAL SUPPLY CURRENT EQUATIONS
(Calculated based on room temperature and typical Silicon process)
ISO7631FM:
At VCC1 = VCC2 = 3.3V
ICC1 = 1.8072 + 0.0244 x f + 0.0016 x f x CL
ICC2 = 2.4625 + 0.0252 x f + 0.0033 x f x CL
At VCC1 = VCC2 = 5V
ICC1 = 2.3183 + 0.04 x f + 0.0025 x f x CL
ICC2 = 3.2582 + 0.0403 x f + 0.0049 x f x CL
ISO7631FC:
At VCC1 = VCC2 = 3.3V
ICC1 = 1.1762 + 0.0325 x f + 0.0017 x f x CL
ICC2 = 1.5285 + 0.0299 x f + 0.0033 x f x CL
At VCC1 = VCC2 = 5V
ICC1 = 1.6001 + 0.0528 x f + 0.0025 x f x CL
ICC2 = 2.2032 + 0.0475 x f + 0.005 x f x CL
ISO7640FC:
At VCC1 = VCC2 = 3.3V
ICC1 = 0.3209 + 0.0488 x f
ICC2 = 1.9699 + 0.0385 x f + 0.0066 x f x CL
At VCC1 = VCC2 = 5V
ICC1 = 0.5038 + 0.0812 x f
ICC2 = 2.6117 + 0.0603 x f + 0.0101 x f x CL
ISO7641FC:
At VCC1 = VCC2 = 3.3V
ICC1 = 1.2162 + 0.0462 x f + 0.0017 x f x CL
ICC2 = 1.8054 + 0.0411 x f + 0.005 x f x CL
At VCC1 = VCC2 = 5V
ICC1 = 1.6583 + 0.0757 x f + 0.0025 x f x CL
ICC2 = 2.5008 + 0.0655 x f + 0.0076 x f x CL
ICC1 and ICC2 are typical supply currents measured in mA; f is data rate measured in Mbps; CL is the capacitive
load on each channel measured in pF.
Figure 7. Device I/O Schematics
20
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: ISO7631FM ISO7631FC ISO7640FC ISO7641FC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com