Electronic Components Datasheet Search
  English  ▼

X  

LMP8480 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LMP8480
Description  Precision 76V High-Side Current Sense Amplifiers with Voltage Output
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMP8480 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LMP8480 Datasheet HTML 2Page - Texas Instruments LMP8480 Datasheet HTML 3Page - Texas Instruments LMP8480 Datasheet HTML 4Page - Texas Instruments LMP8480 Datasheet HTML 5Page - Texas Instruments LMP8480 Datasheet HTML 6Page - Texas Instruments LMP8480 Datasheet HTML 7Page - Texas Instruments LMP8480 Datasheet HTML 8Page - Texas Instruments LMP8480 Datasheet HTML 9Page - Texas Instruments LMP8480 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
LMP8480, LMP8481
SNVS829A – JUNE 2012 – REVISED AUGUST 2012
www.ti.com
Electrical Characteristics
(1)
Unless otherwise specified, all limits guaranteed for at TA = 25°C, VCC= +4.5V to +76V, +4.5V < VCM < +76V, RL= 100k,
VSENSE = (VRSP - VRSN) = 0V. Boldface limits apply at the temperature extremes, TMIN ≦ TA ≦ TMAX.
Min
Typ
Max
Parameter
Condition
(2)
(3)
(2)
Units
Ta= +25°C
±80
±265
VCC = VRSP = 48V,
Input Offset Voltage (RTI)
VOS
µV
ΔVSENSE = 100mV
Ta= –40°C to +125°C
±900
Input Offset Voltage Drift
TCVOS
6
μV/°C
(4)
Input Bias Current (5)
IB VCC = VRSP = 76V, Per Input
6.3
12
μA
Input Leakage Current
ILEAK VCC = 0, VRSP = 76V, Both Inputs Together
0.01
2
μA
-T Version
667
-F Version
267
Differential Input Voltage Across Sense
VSENSE(
VCC = 16
mV
Resistor (6)
MAX)
-S Version
222
-H Version
133
-T Version
19.8
20
20.2
-F Version
49.6
50
50.4
Gain
AV
V/V
-S Version
59.5
60
60.5
-H Version
99.2
100
100.8
Ta= +25°C
±0.6
%
Gain Error
VCC = VRSP = 48V
Ta= –40°C to +125°C
±0.8
%
DC
DC Power Supply Rejection Ratio
VRSP = 48V, VCC = 4.5 to 76V
100
122
dB
PSRR
VCC = 48V, VRSP = 4.5 to 76V
100
124
dB
DC
DC Common Mode Rejection Ratio
CMRR V
CC = 48V, VRSP = 4 to 76V
124
dB
Input Common Mode Voltage Range
CMVR CMRR > 100dB
4
76
V
Output Resistance / Load Regulation
ROUT VSENSE = 100mV
0.1
Maximum Output Voltage
VCC = 4.5V, VRSP = 48V, VSENSE = +1V
(Headroom)
VOMAX
230
500
mV
IOUT (sourcing) = 500μA
(VOMAX = VCC – VOUT)
VCC = VRSP = 48V, VSENSE = -1V,
3
15
IOUT (sinking) = 10µA
VCC = VRSP = 4.5V, VSENSE = -1V,
3
IOUT (sinking) = 10µA
Minimum Output Voltage
VOMIN
mV
VCC = VRSP = 48V, VSENSE = -1V,
18
55
IOUT (sinking) = 100µA
VCC = VRSP = 4.5V, VSENSE = -1V,
18
IOUT (sinking) = 100µA
VCC=28V, VRSP=28V, VSENSE=600mV, IOUT
Output voltage with load
VOLOAD
12
V
(sourcing)=500uA
VCC = 20, VRSP = 16, VOUT =12, ΔIL= 200na
Output Load Regulation
VOLREG
0.001
%
to 8mA
Supply Current
ICC VOUT=2V, RL = 10M, VCC= VRSP = 76V
88
155
uA
−3 dB Bandwidth
BW RL= 10M, CL = 20pF
270
kHz
(1)
Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very
limited self-heating of the device such that TJ = TA. No guarantee of parametric performance is indicated in the electrical tables under
conditions of internal self-heating where TJ > TA.
(2)
All limits are guaranteed by testing, design, or statistical analysis.
(3)
Typical values represent the most likely parametric norm at the time of characterization. Actual typical values may vary over time and
will also depend on the application and configuration. The typical values are not tested and are not guaranteed on shipped production
material.
(4)
Offset voltage temperature drift is determined by dividing the change in VOS at the temperature extremes by the total temperature
change.
(5)
Positive Bias Current corresponds to current flowing into the device.
(6)
This parameter is guaranteed by design and/or characterization and is not tested in production.
6
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: LMP8480 LMP8481



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com