Electronic Components Datasheet Search
  English  ▼

X  

LMP8480 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LMP8480
Description  Precision 76V High-Side Current Sense Amplifiers with Voltage Output
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMP8480 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LMP8480 Datasheet HTML 12Page - Texas Instruments LMP8480 Datasheet HTML 13Page - Texas Instruments LMP8480 Datasheet HTML 14Page - Texas Instruments LMP8480 Datasheet HTML 15Page - Texas Instruments LMP8480 Datasheet HTML 16Page - Texas Instruments LMP8480 Datasheet HTML 17Page - Texas Instruments LMP8480 Datasheet HTML 18Page - Texas Instruments LMP8480 Datasheet HTML 19Page - Texas Instruments LMP8480 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
VCC = +4.5V to +76V
C1
0.1 PF
VOUT
ADC
RSN
RSP
GND
LMP848x
VIN+
VIN- VREF
VCC
RPD
50 µA
RPD = -VS / 50 µA
-VS
LMP8480, LMP8481
SNVS829A – JUNE 2012 – REVISED AUGUST 2012
www.ti.com
MINIMUM OUTPUT VOLTAGE
The amplifier output cannot swing to exactly zero volts. There will always be a minimum output voltage set by the
output transistor saturation and input offset errors. This will create a minimum output swing around the zero
current reading due to the output saturation. The user should be aware of this when designing any servo loops or
data acquisition systems that may assume 0V = 0A. If a true zero is required, the LMP8481 should be used with
a VREF set slightly above ground (>50mV). See the SWINGING OUTPUT BELOW GROUND section below for a
possible solution to this issue.
SWINGING OUTPUT BELOW GROUND
If a negative supply is available, a pull-down resistor can be added from the output to the negative voltage to
allow the output to swing a few millivolts below ground. This will now allow the ADC to resolve true zero and
recover codes that would normally be lost to the negative output saturation limit.
Figure 15. Output “Pull-Down” Resistor Example
A minimum of 50µA should be sourced (“pulled”) from the output to a negative voltage. The pulldown resistor can
be calculated from:
RPD = –VS/50µA
(10)
For example, if a -5V supply is available, a pull-down resistor of 5V/50uA = 100K should be used. This will allow
the output to swing to about 10mV below ground.
This technique may also reduce the maximum positive swing voltage. Do not forget to include the parallel loading
effects of the pulldown any output load. It is recommended not to exceed -100mV on the output. Source currents
greater than 100uA should be avoided to prevent self-heating at high supply voltages. Pulldown resistor values
should not be so low as to heavily load the output during positive output excursions. This mode of operation is
not directly specified and is not guaranteed.
MAXIMUM OUTPUT VOLTAGE
The LMP8481 has an internal precision 14V low dropout regulator which limits the maximum amplifier output
swing to about 250mV below VCC or 13.7V (whichever is less). This effectively clamps the maximum output to
slightly less than 13.7V even with a VCC greater than 14V.
Care should be taken if the output is driving an A/D input with a maximum A/D maximum input voltage lower than
the amplifier supply voltage, as the output can swing higher than the planned load maximum due to input
transients or shorts on the load and overload or possibly damage the A/D input.
A resistive attenuator, as shown in Figure 16 below, can be used to match the maximum swing to the input range
of the A/D.
16
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: LMP8480 LMP8481



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com