Electronic Components Datasheet Search
  English  ▼

X  

LMP8480 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LMP8480
Description  Precision 76V High-Side Current Sense Amplifiers with Voltage Output
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMP8480 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LMP8480 Datasheet HTML 4Page - Texas Instruments LMP8480 Datasheet HTML 5Page - Texas Instruments LMP8480 Datasheet HTML 6Page - Texas Instruments LMP8480 Datasheet HTML 7Page - Texas Instruments LMP8480 Datasheet HTML 8Page - Texas Instruments LMP8480 Datasheet HTML 9Page - Texas Instruments LMP8480 Datasheet HTML 10Page - Texas Instruments LMP8480 Datasheet HTML 11Page - Texas Instruments LMP8480 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
0
10
20
30
40
50
60
70
80
-100
-80
-60
-40
-20
0
20
40
60
80
100
SUPPLY VOLTAGE (V)
VRSP= 48V
10
100
1k
10k
100k
1M
-120
-110
-100
-90
-80
-70
-60
-50
-40
FREQUENCY (Hz)
ûVCM = 2Vpp
0
10
20
30
40
50
60
70
80
-0.5
-0.4
-0.3
-0.2
-0.1
0.0
0.1
0.2
0.3
0.4
0.5
SUPPLY VOLTAGE (V)
VRSP= 48V
-50
-25
0
25
50
75
100 125
-0.5
-0.4
-0.3
-0.2
-0.1
0.0
0.1
0.2
0.3
0.4
0.5
TEMPERATURE (°C)
VCC= VRSP= 48V
-50
-25
0
25
50
75
100 125
-50
-40
-30
-20
-10
0
10
20
30
40
50
TEMPERATURE (°C)
VCC= VRSP= 48V
-50 -40 -30 -20 -10
0
10 20 30 40 50
INPUT OFFSET VOLTAGE ( V)
60
50
40
30
20
10
0
LMP8480, LMP8481
SNVS829A – JUNE 2012 – REVISED AUGUST 2012
www.ti.com
Typical Performance Characteristics
Unless otherwise specified, TA = 25°C, VCC= 4.5V to 76V, 4.5V < VCM < 76V, RL= 100k, VSENSE = (VR
SP – V
RSN) = 0V, for all
gain options.
Typical Offset Voltage
vs.
Offset Voltage Histogram
Temperature
Typical Gain Accuracy
vs.
Temperature
Typical Gain Accuracy vs. Supply Voltage
Typical Offset Voltage
AC Common-Mode Rejection Ratio
vs.
vs.
Supply Voltage
Frequency
8
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: LMP8480 LMP8481



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com