Electronic Components Datasheet Search
  English  ▼

X  

THS4532IPWR Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # THS4532IPWR
Description  Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4532IPWR Datasheet(HTML) 34 Page - Texas Instruments

Back Button THS4532IPWR Datasheet HTML 30Page - Texas Instruments THS4532IPWR Datasheet HTML 31Page - Texas Instruments THS4532IPWR Datasheet HTML 32Page - Texas Instruments THS4532IPWR Datasheet HTML 33Page - Texas Instruments THS4532IPWR Datasheet HTML 34Page - Texas Instruments THS4532IPWR Datasheet HTML 35Page - Texas Instruments THS4532IPWR Datasheet HTML 36Page - Texas Instruments THS4532IPWR Datasheet HTML 37Page - Texas Instruments THS4532IPWR Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 44 page
background image
0
50m
100m
150m
200m
0
1
2
3
4
5
0
0.5
1
1.5
2
2.5
Time (s)
Power Supply
VOUT +
VOUT −
VS = 5 V
G = 2 V/V
RF = 2 kΩ
RL = 200 Ω
G073
0
50m
100m
150m
200m
0
1
2
3
4
5
0
0.5
1
1.5
2
2.5
Time (s)
Power Supply
VOUT +
VOUT −
VS = 5 V
G = 2 V/V
RF = 2 kΩ
RL = 200 Ω
G072
THS4532
SLOS829 – FEBRUARY 2013
www.ti.com
Audio On/Off Pop Performance
The THS4532 is tested to show on and off pop performance by connecting a speaker between the differential
outputs and switching on and off the power supply, and also by using the power down function of the THS4532.
Testing was done with and without tones. During these tests no audible pop could be heard.
With no input tone, Figure 87 shows the voltage waveforms when switching power on to the THS4532 and
Figure 88 shows voltage waveforms when turning power off. The transients during power on and off show no
audible pop should be heard.
Figure 87. Power Supply Turn On Pop Performance
Figure 88. Power Supply Turn Off Pop Performance
With no input tone, Figure 89 shows the voltage waveforms using the PD pin to enable and disable the
THS4532. The transients during power on and off show no audible pop should be heard.
34
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links :THS4532



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com