Electronic Components Datasheet Search
  English  ▼

X  

THS4532IPWR Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # THS4532IPWR
Description  Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4532IPWR Datasheet(HTML) 36 Page - Texas Instruments

Back Button THS4532IPWR Datasheet HTML 32Page - Texas Instruments THS4532IPWR Datasheet HTML 33Page - Texas Instruments THS4532IPWR Datasheet HTML 34Page - Texas Instruments THS4532IPWR Datasheet HTML 35Page - Texas Instruments THS4532IPWR Datasheet HTML 36Page - Texas Instruments THS4532IPWR Datasheet HTML 37Page - Texas Instruments THS4532IPWR Datasheet HTML 38Page - Texas Instruments THS4532IPWR Datasheet HTML 39Page - Texas Instruments THS4532IPWR Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 44 page
background image
−150
−140
−130
−120
−110
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
20
100
1k
10k
24k
Frequency (Hz)
G076
−115
−113
−111
−109
−107
−105
−103
−101
−99
−97
−95
20
100
1k
10k
20k
Frequency (Hz)
G075
THS4532
SLOS829 – FEBRUARY 2013
www.ti.com
An audio analyzer is used to provide an analog audio input to the EVM and the PCM formatted digital output is
read by the digital input on the analyzer. Data was taken at fS = 96kHz, and audio output uses PCM format.
Other data rates and formats are expected to show similar performance in line with that shown in the data sheet.
Figure 91 shows the THD+N vs Frequency with no weighting and Figure 92 shows an FFT with 1kHz input tone.
Input signal to the PCM4204 for these tests is -0.5dBFS. Table 4 summarizes results of testing using the
THS4532 + PCM4204 versus typical Data Sheet performance, and show it make an excellent drive amplifier for
this ADC.
Figure 91. THS4532 + PCM4204 THD+N vs Frequency with No Weighting
Figure 92. THS4532 + PCM4204 1kHz FFT
Table 4. 1kHz AC Analysis: Test Circuit versus PCM4204 Data Sheet Typical Specifications (fS = 96kSPS)
CONFIGURATION
TONE
THD + N
THS4532 + PCM4204
1kHz
-106 dB
PCM4204 Data Sheet (typ)
1kHz
-103 dB
SAR ADC PERFORMANCE
THS4532 and ADS8321 Combined Performance
To show achievable performance with a high performance SAR ADC, the THS4532 is tested as the drive
amplifier for the ADS8321. The ADS8321 is a 16-bit, SAR ADC that offers excellent AC and DC performance,
with ultra-low power and small size. The circuit shown in Figure 93 is used to test the performance. Data was
taken using the ADS8321 at 100kSPS with input frequency of 10 kHz and signal levels 0.5 dB below full scale.
The FFT plot of the spectral performance is in Figure 94. A summary of the FFT analysis results are in Table 5
along with ADS8321 typical data sheet performance at fS = 100kSPS. Please refer to its data sheet for more
information.
36
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links :THS4532



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com