| Electronic Components Datasheet Search |
|
THS4532IPWR Datasheet(PDF) 28 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
THS4532IPWR Datasheet(HTML) 28 Page - Texas Instruments |
|
28 / 44 page ![]() RG RG RF RF VS+ THS4532 VS± VOUT+ VOUT± VIN+ + ± Single-Ended Input Differential Output RG RG RF RF VS+ THS4532 VS± VOUT+ VOUT± VIN+ VIN± + ± Differential Input Differential Output THS4532 SLOS829 – FEBRUARY 2013 www.ti.com APPLICATION CIRCUITS The following circuits show application information for the THS4532. For simplicity, power supply decoupling capacitors are not shown in these diagrams – see the EVM and Layout Recommendations section for recommendations. For more detail on the use and operation of fully differential op amps, see the application report “Fully-Differential Amplifiers” SLOA054D. Differential Input to Differential Output Amplifier The THS4532 is a fully differential op amp and can be used to amplify differential input signals to differential output signals. A basic block diagram of the circuit is shown in Figure 76 (VOCM and PD inputs not shown). The gain of the circuit is set by RF divided by RG. Figure 76. Differential Input to Differential Output Amplifier Single-Ended Input to Differential Output Amplifier The THS4532 can also be used to amplify and convert single-ended input signals to differential output signals. A basic block diagram of the circuit is shown in Figure 77 (VOCM and PD inputs not shown). The gain of the circuit is again set by RF divided by RG. Figure 77. Single-Ended Input to Differential Output Amplifier Differential Input to Single-Ended Output Amplifier Fully differential op amps like the THS4532 are not recommended for differential to single-ended conversion. This application is best performed with an instrumentation amplifier or with a standard op amp configured as a classic differential amplifier. See application section of the OPA835 data sheet (SLOS713). 28 Submit Documentation Feedback Copyright © 2013, Texas Instruments Incorporated Product Folder Links :THS4532 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |