Electronic Components Datasheet Search
  English  ▼

X  

TPS22981RGPR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22981RGPR
Description  3.3V to 18V Thunderbolt Power Mux
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS22981RGPR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS22981RGPR Datasheet HTML 2Page - Texas Instruments TPS22981RGPR Datasheet HTML 3Page - Texas Instruments TPS22981RGPR Datasheet HTML 4Page - Texas Instruments TPS22981RGPR Datasheet HTML 5Page - Texas Instruments TPS22981RGPR Datasheet HTML 6Page - Texas Instruments TPS22981RGPR Datasheet HTML 7Page - Texas Instruments TPS22981RGPR Datasheet HTML 8Page - Texas Instruments TPS22981RGPR Datasheet HTML 9Page - Texas Instruments TPS22981RGPR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
TPS22981
SLVSBM6 – DECEMBER 2012
www.ti.com
PIN FUNCTIONS
PIN
DESCRIPTION
NO.
NAME
1, 2, 3, 13, 15 GND
Device ground. All GND pins must be connected to board ground.
Fault condition output. This pin is an open drain pull-down indicating a fault condition. Place a pull-up
4
FAULTZ
resistance (RFAULTZ) between this pin and V3P3. Float pin or tie pin to GND if unused.
5
EN
Device active-high enable.
6, 7
VHV
High voltage power supply input. See the Input Inductive Bounce at Short Circuit section for more information.
Sets the current limit for V3P3. Place resistor between this pin and GND. See Equation 3 to calculate resistor
8
ISET_V3P3
value.
Sets the current limit for VHV in S3 mode. Place resistor between this pin and GND. See Equation 1 to
9
ISET_S3
calculate resistor value.
Sets the current limit for VHV in S0 mode. Place resistor between this pin and GND. See Equation 2 to
10
ISET_S0
calculate resistor value.
11
HV_EN
Active-high voltage output enable.
12, 14
OUT
Power output. Place a minimum of 1µF capacitor as close to this pin as possible.
Enable VHV UVLO control of device enable. When asserted high, both V3P3 and VHV must be present for
16
ENHVU
device enable. When low, only V3P3 must be present for device enable.
17
S0
When this pin is asserted, the device is put in S0 mode. Otherwise the device operates in S3 mode.
3.3V bypass output. When ENHVU is low, this path is enabled by EN and the V3P3 UVLO. When ENHVU is
18
V3P3OUT
high, this path is enabled by EN and both the V3P3 UVLO and the VHV UVLO. Place a minimum of 0.1µF
capacitor as close to this pin as possible.
19, 20
V3P3
3.3V power supply input. Place a minimum of 0.1µF capacitor as close to this pin as possible.
EP
GND
Exposed pad must be connected to device GND.
6
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: TPS22981



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com