Electronic Components Datasheet Search
  English  ▼

X  

TPS22981RGPR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22981RGPR
Description  3.3V to 18V Thunderbolt Power Mux
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS22981RGPR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS22981RGPR Datasheet HTML 5Page - Texas Instruments TPS22981RGPR Datasheet HTML 6Page - Texas Instruments TPS22981RGPR Datasheet HTML 7Page - Texas Instruments TPS22981RGPR Datasheet HTML 8Page - Texas Instruments TPS22981RGPR Datasheet HTML 9Page - Texas Instruments TPS22981RGPR Datasheet HTML 10Page - Texas Instruments TPS22981RGPR Datasheet HTML 11Page - Texas Instruments TPS22981RGPR Datasheet HTML 12Page - Texas Instruments TPS22981RGPR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
LIMMAX
SET
41571
I
+ 0.0161 A
R
=
LIMMIN
SET
38429
I
– 0.0161 A
R
=
SET
LIMTYP
40 k
Amps
R
I
W ´
=
-25%
-20%
15%
10%
-5%
0%
5%
10%
15%
20%
25%
0
50
100
150
200
250
300
350
400
450
RSET_S0/S3/V3P3 (k )
Ω
min
typ
max
0
200
400
600
800
1000
1200
1400
1600
1800
0
50
100
150
200
250
300
350
400
450
RSET_S0/S3/V3P3 (kΩ)
min
typ
max
TPS22981
www.ti.com
SLVSBM6 – DECEMBER 2012
CURRENT LIMIT THRESHOLD
Figure 6. ILIM vs RSET for VHV and V3P3
Figure 7. % Variance from min ILIM vs RSET
Figure 6 shows the minimum, typical, and maximum current limit for either supply versus its corresponding RSET
value. Equation 1 is used to determine the RSET needed to set a typical ILIM for a given supply and mode.
Figure 7 shows the percent variation from the typical ILIM value to the minimum and maximum ILIM values.
(1)
Where
RSET = external resistor used to set the current limit for V3P3, VHV (S0), or VHV (S3), and
ILIMTYP = typical current limit for V3P3, VHV (S0), or VHV (S3) set by the external RSET resistor.
Each resistor is placed between the corresponding ISET pin and GND, as shown in Figure 5, providing a
minimum current limit between 100mA and 1.5A. For a given RSET the minimum current limit and the maximum
current limit are determined by Equation 2 and Equation 3.
(2)
(3)
MAXIMUM CURRENT LIMIT THRESHOLD
The TPS22981 has a maximum current limit ILIMVHVMAX and ILIM3P3MAX. This prevents excessive current in the
case of an ISET pin being shorted to ground.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPS22981



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com