Electronic Components Datasheet Search
  English  ▼

X  

TPS22981RGPR Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22981RGPR
Description  3.3V to 18V Thunderbolt Power Mux
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS22981RGPR Datasheet(HTML) 12 Page - Texas Instruments

Back Button TPS22981RGPR Datasheet HTML 8Page - Texas Instruments TPS22981RGPR Datasheet HTML 9Page - Texas Instruments TPS22981RGPR Datasheet HTML 10Page - Texas Instruments TPS22981RGPR Datasheet HTML 11Page - Texas Instruments TPS22981RGPR Datasheet HTML 12Page - Texas Instruments TPS22981RGPR Datasheet HTML 13Page - Texas Instruments TPS22981RGPR Datasheet HTML 14Page - Texas Instruments TPS22981RGPR Datasheet HTML 15Page - Texas Instruments TPS22981RGPR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
1.00E-08
1.00E-07
1.00E-06
1.00E-05
1.00E-04
1.00E-03
1.00E-02
0
1
2
3
4
5
6
7
8
9
Short Resistance - Ω
Load
Current
Output
Voltage
t
OC Limit
tLIM delay
TPS22981
SLVSBM6 – DECEMBER 2012
www.ti.com
OVER-CURRENT LIMIT AND SHORT CIRCUIT PROTECTION
When the load at OUT attempts to draw more current than the limit set by the external RSET resistors for the
V3P3 switch and VHV switch (for both S0 and S3 modes), the device will operate in a constant current mode
while lowering the output voltage. Figure 10 shows the delay, tLIM, which occurs from the instance an over-
current fault is detected until the output current is lowered to ILIMHV tolerances for VHV or ILIM3V3 tolerances for
V3P3 shown in Figure 6. Figure 11 shows the response time versus a resistance shorted across the output.
Figure 10. Overcurrent Output Response
Figure 11. Overcurrent Response Time vs Short Resistance
All short circuit conditions are treated as over-current conditions. In the event of a short circuit, the device will
limit the output current to the corresponding RSET value and continue to do so until thermal shutdown is
encountered or the short circuit condition is removed.
REVERSE CURRENT PROTECTION
Reverse current protection for the V3P3 supply to OUT triggers at IREV3P3 causing the V3P3 supply switch to
open. When the HV_EN signal is not asserted and reverse current protection is triggered, a discharge current
source is turned on to bring the output voltage to near the V3P3 voltage.
12
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: TPS22981



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com