Electronic Components Datasheet Search
  English  ▼

X  

OP184FP Datasheet(PDF) 7 Page - Analog Devices

Part # OP184FP
Description  Precision Rail-to-Rail Input & Output Operational Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP184FP Datasheet(HTML) 7 Page - Analog Devices

Back Button OP184FP Datasheet HTML 3Page - Analog Devices OP184FP Datasheet HTML 4Page - Analog Devices OP184FP Datasheet HTML 5Page - Analog Devices OP184FP Datasheet HTML 6Page - Analog Devices OP184FP Datasheet HTML 7Page - Analog Devices OP184FP Datasheet HTML 8Page - Analog Devices OP184FP Datasheet HTML 9Page - Analog Devices OP184FP Datasheet HTML 10Page - Analog Devices OP184FP Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
REV. 0
–7–
OP184/OP284/OP484
SUPPLY VOLTAGE – Volts
1.50
0
0
±2.5
±20
±5.0
±10 ±12.5 ±15
1.25
1.0
0.75
0.5
0.25
±17.5
±7.5
TA = +25°C
Figure 11. Supply Current vs. Supply
Voltage
TEMPERATURE –
°C
50
0
–50
125
40
30
20
10
VS = ±15V
–25
0
25
75
50
100
VS = +5V, VCM = +2.5V
+ISC
–ISC
–ISC
+ISC
Figure 12. Short Circuit Current vs.
Temperature
0
45
90
135
180
225
270
FREQUENCY – Hz
60
10k
100k
10M
1M
40
20
0
–20
80
50
10
30
–10
–30
VS = +5V
TA = +25°C
NO LOAD
Figure 13. Open-Loop Gain and Phase
vs. Frequency (No Load)
0
45
90
135
180
225
270
FREQUENCY – Hz
60
10k
100k
10M
1M
40
20
0
–20
80
50
10
30
–10
–30
VS = +3V
TA = +25°C
NO LOAD
Figure 14. Open-Loop Gain and Phase
vs. Frequency (No Load)
0
45
90
135
180
225
270
FREQUENCY – Hz
60
10k
100k
10M
1M
40
20
0
–20
80
50
10
30
–10
–30
VS = ±15V
TA = +25°C
NO LOAD
Figure 15. Open-Loop Gain and Phase
vs. Frequency (No Load)
TEMPERATURE –
°C
2.5k
0
–50
125
2k
1.5k
1k
500
VS = ±15V
–10V < VO < 10V
RL = 2kΩ
–25
0
25
75
50
100
VS = +5V
1V < VO < 4V
RL = 2kΩ
Figure 16. Open-Loop Gain vs.
Temperature
FREQUENCY – Hz
30
10
40
60
10
–40
100
10k
1M
10M
–10
VS = +5V
RL = 2kΩ
TA = +25°C
–20
–30
0
20
50
1k
100k
Figure 17. Closed-Loop Gain vs.
Frequency (2 k
Ω Load)
FREQUENCY – Hz
30
10
40
60
10
–40
100
10k
1M
10M
–10
VS = ±15V
RL = 2kΩ
TA = +25°C
–20
–30
0
20
50
1k
100k
Figure 18. Closed-Loop Gain vs.
Frequency (2 k
Ω Load)
FREQUENCY – Hz
30
10
40
60
10
–40
100
10k
1M
10M
–10
VS = +3V
RL = 2kΩ
TA = +25°C
–20
–30
0
20
50
1k
100k
Figure 19. Closed-Loop Gain vs.
Frequency (2 k
Ω Load)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com