Electronic Components Datasheet Search
  English  ▼

X  

OP184FP Datasheet(PDF) 11 Page - Analog Devices

Part # OP184FP
Description  Precision Rail-to-Rail Input & Output Operational Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP184FP Datasheet(HTML) 11 Page - Analog Devices

Back Button OP184FP Datasheet HTML 7Page - Analog Devices OP184FP Datasheet HTML 8Page - Analog Devices OP184FP Datasheet HTML 9Page - Analog Devices OP184FP Datasheet HTML 10Page - Analog Devices OP184FP Datasheet HTML 11Page - Analog Devices OP184FP Datasheet HTML 12Page - Analog Devices OP184FP Datasheet HTML 13Page - Analog Devices OP184FP Datasheet HTML 14Page - Analog Devices OP184FP Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
REV. 0
–11–
OP184/OP284/OP484
Thus, the saturation voltage of the output transistors sets the
limit on the OP284’s maximum output voltage swing. Output
short circuit current limiting is determined by the maximum
signal current into the base of Q1 from the second gain stage.
Under output short circuit conditions, this input current level is
approximately 100
µA. With transistor current gains around
200, the short circuit current limits are typically 20 mA. The
output stage also exhibits voltage gain. This is accomplished by
use of common-emitter amplifiers, and as a result, the voltage
gain of the output stage (thus, the open-loop gain of the device)
exhibits a dependence to the total load resistance at the output
of the OP284.
Input Overvoltage Protection
As with any semiconductor device, if conditions exist where the
applied input voltages to the device exceed either supply voltage,
the device’s input overvoltage I-V characteristic must be consid-
ered. When an overvoltage occurs, the amplifier could be dam-
aged, depending on the magnitude of the applied voltage and
the magnitude of the fault current. Figure 43 illustrates the over
voltage I-V characteristic of the OP284. This graph was gener-
ated with the supply pins connected to GND and a curve
tracer’s collector output drive connected to the input.
5
4
3
2
1
0
–1
–2
–3
–4
–5
– 5
– 4
– 3
– 2
–1
0
12345
INPUT VOLTAGE – Volts
Figure 43. Input Overvoltage I-V Characteristics of the
OP284
As shown in the figure, internal p-n junctions to the OP284 en-
ergize and permit current flow from the inputs to the supplies
when the input is 1.8 V more positive and 0.6 V more negative
than the respective supply rails. As illustrated in the simplified
equivalent circuit shown in Figure 41, the OP284 does not have
any internal current limiting resistors; thus, fault currents can
quickly rise to damaging levels.
This input current is not inherently damaging to the device,
provided that it is limited to 5 mA or less. For the OP284, once
the input exceeds the negative supply by 0.6 V, the input cur-
rent quickly exceeds 5 mA. If this condition continues to exist,
an external series resistor should be added at the expense of ad-
ditional thermal noise. Figure 44 illustrates a typical noninvert-
ing configuration for an overvoltage protected amplifier where
the series resistance, RS, is chosen such that:
RS =
VIN (MAX ) –VSUPPLY
5 mA
R1
R2
VIN
VOUT
1/2
OP284
Figure 44. A Resistance in Series with an Input Limits
Overvoltage Currents to Safe Values
For example, a 1 k
Ω resistor will protect the OP284 against
input signals up to 5 V above and below the supplies. For other
configurations where both inputs are used, then each input
should be protected against abuse with a series resistor. Again,
in order to ensure optimum dc and ac performance, it is recom-
mended to balance source impedance levels. For more informa-
tion on the general overvoltage characteristics of amplifiers,
please refer to the 1993 System Applications Guide, Section 1,
pages 56-69. This reference textbook is available from the Ana-
log Devices Literature Center.
Output Phase Reversal
Some operational amplifiers designed for single-supply opera-
tion exhibit an output voltage phase reversal when their inputs
are driven beyond their useful common-mode range. Typically
for single-supply bipolar op amps, the negative supply deter-
mines the lower limit of their common-mode range. With these
devices, external clamping diodes, with the anode connected to
ground and the cathode to the inputs, prevent input signal ex-
cursions from exceeding the device’s negative supply (i.e.,
GND), preventing a condition that could cause the output volt-
age to change phase. JFET-input amplifiers may also exhibit
phase reversal, and, if so, a series input resistor is usually re-
quired to prevent it.
The OP284 is free from reasonable input voltage range restric-
tions, provided that input voltages no greater than the supply
voltages are applied. Although the device’s output will not
change phase, large currents can flow through the input protec-
tion diodes as was shown in Figure 43. Therefore, the technique
recommended in the Input Overvoltage Protection section
should be applied to those applications where the likelihood of
input voltages exceeding the supply voltages is high.
Designing Low Noise Circuits in Single Supply Applications
In single supply applications, devices like the OP284 extend the
dynamic range of the application through the use of rail-to-rail
operation. In fact, the OP284 family is the first of its kind to
combine single supply, rail-to-rail operation and low noise in
one device. It is the first device in the industry to exhibit an
input noise voltage spectral density of less than 4 nV/
√Hz at
1 kHz. It was also designed specifically for low-noise, single-
supply applications, and as such, some discussion on circuit
noise concepts in single supply applications is appropriate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com