Electronic Components Datasheet Search
  English  ▼

X  

OP184FP Datasheet(PDF) 10 Page - Analog Devices

Part # OP184FP
Description  Precision Rail-to-Rail Input & Output Operational Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP184FP Datasheet(HTML) 10 Page - Analog Devices

Back Button OP184FP Datasheet HTML 6Page - Analog Devices OP184FP Datasheet HTML 7Page - Analog Devices OP184FP Datasheet HTML 8Page - Analog Devices OP184FP Datasheet HTML 9Page - Analog Devices OP184FP Datasheet HTML 10Page - Analog Devices OP184FP Datasheet HTML 11Page - Analog Devices OP184FP Datasheet HTML 12Page - Analog Devices OP184FP Datasheet HTML 13Page - Analog Devices OP184FP Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
REV. 0
–10–
OP184/OP284/OP484
FREQUENCY – Hz
0.1
0.010
0.0005
20
100
10k
1k
0.001
20k
VO = ±0.75V
VO = ±2.5V
VO = ±1.5V
AV = 1000
VS = ±2.5V
RL = 2kΩ
Figure 40. Total Harmonic Distortion
vs. Frequency
10
0%
100
90
500ns
100mV
VS = ±1.5V
AV = 1
NO LOAD
TA = +25°C
200mV
0V
–200mV
Figure 38. Small Signal Transient
Response
200mV
0V
–200mV 10
0%
100
90
1µs
100mV
VS = ±0.75V
AV = 1
NO LOAD
TA = +25°C
Figure 39. Small Signal Transient
Response
APPLICATIONS
Functional Description
The OP284 and OP484 are precision single-supply, rail-to-rail
operational amplifiers. Intended for the portable instrumenta-
tion marketplace, the OP184/OP284/OP484 combines the at-
tributes of precision, wide bandwidth, and low noise to make it
a superb choice in those single supply applications that require
both ac and precision dc performance. Other low supply voltage
applications for which the OP284 is well suited are active filters,
audio microphone preamplifiers, power supply control, and tele-
com. To combine all of these attributes with rail-to-rail input/
output operation, novel circuit design techniques are used.
D1
D2
Q4
R2
4k
VPOS
I1
R1
4k
Q3
Q1
Q2
R4
3k
I2
R3
3k
V01
–IN
V02
VNEG
+IN
Figure 41. OP284 Equivalent Input Circuit
For example, Figure 41 illustrates a simplified equivalent circuit
for the OP184/OP284/OP484’s input stage. It is comprised of
an NPN differential pair, Q1-Q2, and a PNP differential pair,
Q3-Q4, operating concurrently. Diode network D1-D2 serves
to clamp the applied differential input voltage to the OP284,
thereby protecting the input transistors against avalanche dam-
age. Input stage voltage gains are kept low for input rail-to-rail
operation. The two pairs of differential output voltages are con-
nected to the OP284’s second stage, which is a compound folded
cascode gain stage. It is also in the second gain stage where the
two pairs of differential output voltages are combined into a
single-ended output signal voltage used to drive the output
stage. A key issue in the input stage is the behavior of the input
bias currents over the input common-mode voltage range. Input
bias currents in the OP284 are the arithmetic sum of the base
currents in Q1-Q3 and in Q2-Q4. As a result of this design
approach, the input bias currents in the OP284 not only exhibit
different amplitudes, but also exhibit different polarities. This
effect is best illustrated in Figure 8. It is, therefore, of para-
mount importance that the effective source impedances con-
nected to the OP284’s inputs be balanced for optimum dc and
ac performance.
To achieve rail-to-rail output, the OP284 output stage design
employs a unique topology for both sourcing and sinking cur-
rent. This circuit topology is illustrated in Figure 42. As previ-
ously mentioned, the output stage is voltage-driven from the
second gain stage. The signal path through the output stage is
inverting; that is, for positive input signals, Q1 provides the base
current drive to Q6 so that it conducts (sinks) current. For
negative input signals, the signal path via Q1-Q2-D1-Q4-Q3
provides the base current drive for Q5 to conduct (source) cur-
rent. Both amplifiers provide output current until they are
forced into saturation, which occurs at approximately 20 mV
from negative rail and 100 mV from the positive supply rail.
VPOS
I2
I1
Q1
Q3
Q4
Q2
VNEG
Q5
VOUT
Q6
R6
R3
R2
R1
R4
INPUT FROM
SECOND GAIN
STAGE
R5
D1
Figure 42. OP284 Equivalent Output Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com