Electronic Components Datasheet Search
  English  ▼

X  

CINT1275 Datasheet(PDF) 4 Page - SL Power Electronics

Part # CINT1275
Description  A Superior performance 275 Watts AC to DC power supply designed for industrial and ITE applications.
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

CINT1275 Datasheet(HTML) 4 Page - SL Power Electronics

  CINT1275 Datasheet HTML 1Page - SL Power Electronics CINT1275 Datasheet HTML 2Page - SL Power Electronics CINT1275 Datasheet HTML 3Page - SL Power Electronics CINT1275 Datasheet HTML 4Page - SL Power Electronics CINT1275 Datasheet HTML 5Page - SL Power Electronics CINT1275 Datasheet HTML 6Page - SL Power Electronics CINT1275 Datasheet HTML 7Page - SL Power Electronics CINT1275 Datasheet HTML 8Page - SL Power Electronics CINT1275 Datasheet HTML 9Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
CINT1275
275W Single Output
Industrial Series
www.slpower.com
CINT1275 REV 1.2 15-JAN-13
4
J302
J303
J201 pin 1
S+
J201 pin 3
S-
J201 pin 4
J302
J303
J201 pin 1
S+
Load +
J201 pin 3
S-
J201 pin 4
J302
J303
J201 pin 1
S+
J201 pin 3
S-
J201 pin 4
Power Supply 1
Power Supply 2
Power Supply 3
Vo+
Vo-
Current Sharing Bus
Load -
Fan Output – J301
J301 provides a 12V@1A output to support a system cooling fan. The fan output is always available when AC input is
present, so it also can be used for a 12V standby output is so desired.
AC Power Failure/DC OK Current Share and Inhibit Signals – J201
2.
Inhibit
Remote inhibit control of the DC output.
J201 pin 5 open
= ON
J201 pin 5 LOW or GND
= OFF
Figure 2: Inhibit Circuit
3.
Current Sharing/Remote Sense
The outputs of N+1 (N=1,2…5) models can be shared. It is shown in Figure 3, one
load-share controller is required for each model and circuits are identical when
N+ 1 identical models are used.
Terminals J302 and J303 are connected to the Vo+ and Vo-, respectively, of the
first power model. The Vo+ and Vo- correspond to the other models positive and
negative output pins. The Vo+ connects to positive output bus to the load and Vo-
connects the negative output bus to the load.
The J201 pin1 and pin3 connects to the S+ and S-, respectively, of the first power
models. The S+ and S- correspond to the other models J201 pin1 and pin3. The
S+ connects to positive output bus and S- connects to negative output bus.
Remote Sense < 250mV drop compensation:
The J201 Pin4 connects to current sharing bus that it connects to
other models J201 pin4.
Figure 3: Current Share Method
Note:
Because Power Fail and DC OK use the same pin, the signals can
be monitored as follows:
DC OK: When J201-Pin 9 is HIGH
AC Power Fail: When J201-Pin 9 is LOW



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com