Electronic Components Datasheet Search
  English  ▼

X  

CINT1275 Datasheet(PDF) 1 Page - SL Power Electronics

Part # CINT1275
Description  A Superior performance 275 Watts AC to DC power supply designed for industrial and ITE applications.
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

CINT1275 Datasheet(HTML) 1 Page - SL Power Electronics

  CINT1275 Datasheet HTML 1Page - SL Power Electronics CINT1275 Datasheet HTML 2Page - SL Power Electronics CINT1275 Datasheet HTML 3Page - SL Power Electronics CINT1275 Datasheet HTML 4Page - SL Power Electronics CINT1275 Datasheet HTML 5Page - SL Power Electronics CINT1275 Datasheet HTML 6Page - SL Power Electronics CINT1275 Datasheet HTML 7Page - SL Power Electronics CINT1275 Datasheet HTML 8Page - SL Power Electronics CINT1275 Datasheet HTML 9Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
CINT1275
275W Single Output
Industrial Series
www.slpower.com
CINT1275 REV 1.2 15-JAN-13
1
Features
3” x 5” x 1.38” Package
Up to 275W of AC-DC Power
For 1U Applications
Universal Input 90-264 Vac Input Range
Standby and Fan Output Voltages
Forced Current Share
Inhibit, Power Fail, Output OK Signals
Approved to CSA/EN/IEC/UL60950-1, 2
nd
Edition
Efficiency 92% typical
3 Year Warranty
RoHS Compliant
Description
A Superior performance 275 Watts AC to DC power supply designed for industrial and ITE applications. Feature rich and
highly efficient CINT1275 product family with active current share for redundant applications can easily fit in 1U chassis
and provides 180 Watts for convection or 275 Watts with moving air. Input & output monitoring alarms plus isolated
12V/1A fan output and 5V standby voltage are among other standard offering of CINT1275 family. All 5 models are CE
marked to low voltage directive and approved to ITE standards of EN60950, 2nd edition.
Model Selection
Model
Output Current
Ripple &
Total
OVP
Number
Volts
w/200LFM air
Convection*
Fan Output
Noise**
Regulation
Threshold***
CINT1275A1214K01
12V
21.8A
15.0A
12Vdc/1A
120mV pk-pk
3%
14.0
 1.1V
CINT1275A1514K01
15V
18.3A
12.0A
12Vdc/1A
150mV pk-pk
3%
19.5 ± 1.5V
CINT1275A2414K01
24V
10.9A
7.50A
12Vdc/1A
240mV pk-pk
3%
28.0 ± 2.5V
CINT1275A4814K01
48V
5.46A
3.75A
12Vdc/1A
480mV pk-pk
3%
55.0 ± 4.0V
CINT1275A5614K01
56V
4.68A
3.21A
12Vdc/1A
560mV pk-pk
3%
59.0 ± 1.0V
Notes:
*
Total convection power is 180 Watts.
** Measured with noise probe directly across output terminals, and load terminated with 0.1μF ceramic and 10μF low ESR capacitors.
*** No output adjustment on 56V.
General Specifications
AC Input
100-240Vac, ±10%, 47-63Hz, 1
120–370Vdc
Turn On Time
Less than 2 sec. @115Vac (inversely
proportional to input voltage and thermistor
temperature)
Input Current
115Vac: 3A, 230Vac: 1.5A
3.7A max. at 90Vac
Hold-up Time
16mS at 250W, 120Vac/60Hz
Inrush Current
264Vac, cold start: will not exceed 50A
Overtemperature
Protection
Sensing transformer temperature, 135°C (55
°C
ambient temperature at full load), latching type.


Similar Part No. - CINT1275

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
CINT1275A1214K01 SLPOWER-CINT1275A1214K01 Datasheet
2Mb / 9P
Up to 275W of AC-DC Power
CINT1275A1514K01 SLPOWER-CINT1275A1514K01 Datasheet
2Mb / 9P
Up to 275W of AC-DC Power
CINT1275A2414K01 SLPOWER-CINT1275A2414K01 Datasheet
2Mb / 9P
Up to 275W of AC-DC Power
CINT1275A4814K01 SLPOWER-CINT1275A4814K01 Datasheet
2Mb / 9P
Up to 275W of AC-DC Power
CINT1275A5614K01 SLPOWER-CINT1275A5614K01 Datasheet
2Mb / 9P
Up to 275W of AC-DC Power
More results

Similar Description - CINT1275

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
CINT1175 SLPOWER-CINT1175 Datasheet
649Kb / 8P
A highly dense 175Watts AC to DC power supply designed for industrial and ITE applications.
logo
Tumbler Technologies + ...
TMC200 TRUMPOWER-TMC200 Datasheet
165Kb / 2P
200 Watts AC/DC Medical & ITE Power Supplies
TMC400 TRUMPOWER-TMC400 Datasheet
192Kb / 2P
400 Watts AC/DC Medical & ITE Power Supplies
TMC300 TRUMPOWER-TMC300 Datasheet
367Kb / 3P
300 Watts AC/DC Medical and ITE Grade Power Supplies
logo
Arch Electronics Corp.
MQF240E ARCH-MQF240E_18 Datasheet
313Kb / 5P
AC-DC ITE & Medical Switching Power Supply
MQF240O ARCH-MQF240O_18 Datasheet
344Kb / 5P
AC-DC ITE & Medical Switching Power Supply
MQF240U ARCH-MQF240U_18 Datasheet
386Kb / 5P
AC-DC ITE & Medical Switching Power Supply
MQF500E ARCH-MQF500E_18 Datasheet
294Kb / 5P
AC-DC ITE & Medical Switching Power Supply
MQF500O ARCH-MQF500O_18 Datasheet
332Kb / 5P
AC-DC ITE & Medical Switching Power Supply
MQF500U ARCH-MQF500U_18 Datasheet
335Kb / 5P
AC-DC ITE & Medical Switching Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com