Electronic Components Datasheet Search
  English  ▼

X  

CINT1275 Datasheet(PDF) 5 Page - SL Power Electronics

Part # CINT1275
Description  A Superior performance 275 Watts AC to DC power supply designed for industrial and ITE applications.
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

CINT1275 Datasheet(HTML) 5 Page - SL Power Electronics

  CINT1275 Datasheet HTML 1Page - SL Power Electronics CINT1275 Datasheet HTML 2Page - SL Power Electronics CINT1275 Datasheet HTML 3Page - SL Power Electronics CINT1275 Datasheet HTML 4Page - SL Power Electronics CINT1275 Datasheet HTML 5Page - SL Power Electronics CINT1275 Datasheet HTML 6Page - SL Power Electronics CINT1275 Datasheet HTML 7Page - SL Power Electronics CINT1275 Datasheet HTML 8Page - SL Power Electronics CINT1275 Datasheet HTML 9Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
CINT1275
275W Single Output
Industrial Series
www.slpower.com
CINT1275 REV 1.2 15-JAN-13
5
Timing Sequence
Isolation Specifications
Parameter
Conditions/Description
Min
Nom
Max
Units
Insulation Safety Rating
Input/Ground
Input/Output
Output/Ground
Basic
Reinforced
n/a
Electric Strength Test Voltage
Input/Ground
Input/Output
Output/Ground
1800
4000
1500
-
-
Vac
Vac
Vac
Input Specifications
All specifications apply over specified input voltage, output load, and temperature range, unless otherwise noted.
Parameter
Conditions/Description
Min
Nom
Max
Units
Input Voltage
90
115/230
264
Vac
Turn-On Input Voltage
Ramping up
80
Vac
Turn-Off Input Voltage
Ramping down
75
Vac
Input Frequency
47
50/60
63
Hz
Inrush Current Limitation
264Vac, cold start
-
-
50
A
Power Factor
Vi nom, Io nom
0.9
-
-
Efficiency
Vi nom, Io nom
CINT1275A1214K01
CINT1275A1514K01
CINT1275A2414K01
CINT1275A4814K01
CINT1275A5614K01
-
92%
-
%



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com