Electronic Components Datasheet Search
  English  ▼

X  

MINT1150 Datasheet(PDF) 4 Page - SL Power Electronics

Part # MINT1150
Description  The MINT1150 family is a high power density for a power supply in a 2??x 4??size.
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

MINT1150 Datasheet(HTML) 4 Page - SL Power Electronics

  MINT1150 Datasheet HTML 1Page - SL Power Electronics MINT1150 Datasheet HTML 2Page - SL Power Electronics MINT1150 Datasheet HTML 3Page - SL Power Electronics MINT1150 Datasheet HTML 4Page - SL Power Electronics MINT1150 Datasheet HTML 5Page - SL Power Electronics MINT1150 Datasheet HTML 6Page - SL Power Electronics MINT1150 Datasheet HTML 7Page - SL Power Electronics MINT1150 Datasheet HTML 8Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MINT1150
150W Single Output
Medical Series
www.slpower.com
MINT1150 REV 1.4, 13-NOV-12
4
Connector Information
Input Connector
J100
Ground
J101
DC Output Connector
J200
Signal Connector
J300
PIN 1) AC LINE
PIN 2) EMPTY
PIN 3) AC NEUTRAL
0.187” FASTON TAB
PIN 1) +Vout PIN 4) -Vout
PIN 2) +Vout PIN 5) -Vout
PIN 3) +Vout PIN 6) -Vout
PIN 1) PF/DC OK
PIN 2) Common
Mating Connector:
Molex 09-50-3031
Pins= 08-52-0072
Mating Connector:
Molex 01-90020005
Mating Connector:
AMP 640250-6
Pins = 640252-1
Mating Connector:
Molex 1375820-2
Pins = 1375819
Power Fail/DC OK Signals – J300
AC POWER FAIL SIGNAL
DC OK SIGNAL
Isolation Specifications
Parameter
Conditions/Description
Min
Nom
Max
Units
Insulation Safety Rating
Input/Ground
Input/Output
Output/Ground
2 MOPP
1 MOPP
N/A
Electric Strength Test Voltage
Input/Ground
Input/Output
Output/Ground
1800
4000
500
-
-
Vac
Vac
Vac
J300 – Pin 2
J300–Pin 1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com