Electronic Components Datasheet Search
  English  ▼

X  

MINT1150 Datasheet(PDF) 5 Page - SL Power Electronics

Part # MINT1150
Description  The MINT1150 family is a high power density for a power supply in a 2??x 4??size.
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

MINT1150 Datasheet(HTML) 5 Page - SL Power Electronics

  MINT1150 Datasheet HTML 1Page - SL Power Electronics MINT1150 Datasheet HTML 2Page - SL Power Electronics MINT1150 Datasheet HTML 3Page - SL Power Electronics MINT1150 Datasheet HTML 4Page - SL Power Electronics MINT1150 Datasheet HTML 5Page - SL Power Electronics MINT1150 Datasheet HTML 6Page - SL Power Electronics MINT1150 Datasheet HTML 7Page - SL Power Electronics MINT1150 Datasheet HTML 8Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MINT1150
150W Single Output
Medical Series
www.slpower.com
MINT1150 REV 1.4, 13-NOV-12
5
Input Specifications
All specifications apply over specified input voltage, output load, and temperature range, unless otherwise noted.
Parameter
Conditions/Description
Min
Nom
Max
Units
Input Voltage
90
115/230
264
Vac
Turn-On Input Voltage
Ramping up
82.7
Vac
Turn-Off Input Voltage
Ramping down
67.0
Vac
Input Frequency
47
50/60
63
Hz
Inrush Current Limitation
264Vac, cold start
-
-
50
A
Power Factor
Vi nom, Io nom
0.9
-
-
Efficiency
Vi nom, Io nom
MINT1150A1206K01
MINT1150A2406K01
MINT1150A4806K01
MINT1150A5606K01
-
89%
-
%
Protection
Parameter
Conditions/Description
Min
Nom
Max
Units
Input Fuse
Not user accessible
Input Transient Protection
2KV(CM) and 1KV(DM) surge
2
KV (CM)
Output
No-load
Normal
Short Circuit
Hiccup Mode
Overload
Hiccup Mode
Overvoltage Protection
Latch style
See Models chart for trip ranges
Over temperature Protection
Automatic power shutdown at TC =155°C
Characteristic Curves
Output vs. Temperature
100W convection cooled and 150W continuous with 200 LFM airflow, Derating output power to 50% at 70
C.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com