Electronic Components Datasheet Search
  English  ▼

X  

MINT1150 Datasheet(PDF) 1 Page - SL Power Electronics

Part # MINT1150
Description  The MINT1150 family is a high power density for a power supply in a 2??x 4??size.
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

MINT1150 Datasheet(HTML) 1 Page - SL Power Electronics

  MINT1150 Datasheet HTML 1Page - SL Power Electronics MINT1150 Datasheet HTML 2Page - SL Power Electronics MINT1150 Datasheet HTML 3Page - SL Power Electronics MINT1150 Datasheet HTML 4Page - SL Power Electronics MINT1150 Datasheet HTML 5Page - SL Power Electronics MINT1150 Datasheet HTML 6Page - SL Power Electronics MINT1150 Datasheet HTML 7Page - SL Power Electronics MINT1150 Datasheet HTML 8Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MINT1150
150W Single Output
Medical Series
www.slpower.com
MINT1150 REV 1.4, 13-NOV-12
1
Features
2” x 4” x 1.3” Package
For 1U Applications
150W w/air, 100W convection cooled
Universal Input 90-264 VAC
Power Fail/Output Good Signal
Approved to CSA/EN/IEC/UL60601-1,
3
rd Edition
2 x MOPP Input to Output Isolation
3 Year Warranty
RoHS Compliant
Description
The MINT1150 family is a high power density for a power supply in a 2” x 4” size. Approved to EN/IEC/UL60601-1, 3rd
edition, with isolation levels which satisfy the 2 MOPP requirements. The MINT1150 family is ideal for Portable Medical
Devices, and many other applications where medical certifications, power density and cost are critical. The MINT1150
operates at universal input range of 90 to 264Vac and wide temperature range -10°C to +70°C, delivering full rated output
power up to +50°C. In addition, these models feature Power Fail and DC OK signals.
Model Selection
Model
Output Current
Ripple &
Total
OVP
Number
Volts
w/200LFM air
Convection*
Noise**
Regulation
Threshold**
MINT1150A1206K01
12V
12.5A
8.33A
0.5%RMS, 1.2% pk-pk
5%
14.0
 1.1V
MINT1150A1506K01
15V
10.0A
6.67A
0.5%RMS, 1.0% pk-pk
5%
18.0 ± 1.5V
MINT1150A2406K01
24V
6.25A
4.17A
0.5%RMS, 1.0% pk-pk
5%
28.0 ± 2.5V
MINT1150A4806K01
48V
3.13A
2.08A
0.5%RMS, 1.0% pk-pk
5%
55.0 ± 4.0V
MINT1150A5606K01
56V
2.68A
1.79A
0.5%RMS, 1.0% pk-pk
5%
<59.9V
Notes:
*
Maximum output power is 95 Watts for input voltage of 90-105VAC at 50°C convection. For input voltage of 105Vac or more, the total power is
100 Watts at 50°C convection.
** Measured with noise probe directly across output terminals, and load terminated with 0.1μF ceramic and 10μF low ESR capacitors.
General Specifications
AC Input
100-240Vac, ±10%, 47-63Hz, 1
120–370Vdc
Turn On Time
Less than 2 sec. @115Vac (inversely
proportional to input voltage and thermistor
temperature)
Input Current
115Vac: 2A, 230Vac: 1A
Hold-up Time
>12mS at full load, 120Vac
Inrush Current
264Vac, cold start: will not exceed 50A
Signals
AC Power Fail, DC OK


Similar Part No. - MINT1150

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
MINT1110 SLPOWER-MINT1110 Datasheet
489Kb / 3P
Universal Input Power Supply
MINT1110A SLPOWER-MINT1110A Datasheet
489Kb / 3P
110W Single Output Series
MINT1110A1208K01 SLPOWER-MINT1110A1208K01 Datasheet
489Kb / 3P
110W Single Output Series
MINT1110A1208K01 SLPOWER-MINT1110A1208K01 Datasheet
489Kb / 3P
Universal Input Power Supply
MINT1110A1508K01 SLPOWER-MINT1110A1508K01 Datasheet
489Kb / 3P
110W Single Output Series
More results

Similar Description - MINT1150

ManufacturerPart #DatasheetDescription
logo
Communications & Power ...
3CPX1500A7 CPI-3CPX1500A7 Datasheet
115Kb / 1P
The 3CPX1500A7 is a rugged high-mu power
3CW20000A7 CPI-3CW20000A7 Datasheet
94Kb / 1P
The 3CW20,000A7 is a high-mu power triode
3CW30000H7 CPI-3CW30000H7 Datasheet
88Kb / 1P
The 3CW30,000H7 is a high-mu power triode
logo
List of Unclassifed Man...
EPM-PS1 ETC2-EPM-PS1 Datasheet
450Kb / 22P
The EPM-PS1 is a DC switching power supply designed for high reliability in a wide variety of applications.
IS-418-TR1509-12 ETC2-IS-418-TR1509-12 Datasheet
79Kb / 1P
The IS-418-TR1509-12 is a class B power supply
IS-P410905 ETC2-IS-P410905 Datasheet
60Kb / 1P
The IS-P410905 is a class 2 power supply
logo
Richtek Technology Corp...
RT5016C RICHTEK-RT5016C Datasheet
1Mb / 68P
The RT5016C is a complete power supply solution
RT5072 RICHTEK-RT5072 Datasheet
1Mb / 68P
The RT5072 is a complete power supply solution
logo
SL Power Electronics
MINT1175 SLPOWER-MINT1175_15 Datasheet
1Mb / 8P
the highest power density for a power supply
logo
ETAL Group
PBM-E1048 ETAL-PBM-E1048 Datasheet
472Kb / 3P
The current supplied by a power supply is distributed onto 1 x 8 or 2 x 4 ways/slots.
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com