Electronic Components Datasheet Search
  English  ▼

X  

TMP01GBC Datasheet(PDF) 11 Page - Analog Devices

Part # TMP01GBC
Description  Low Power, Programmable Temperature Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

TMP01GBC Datasheet(HTML) 11 Page - Analog Devices

Back Button TMP01GBC Datasheet HTML 7Page - Analog Devices TMP01GBC Datasheet HTML 8Page - Analog Devices TMP01GBC Datasheet HTML 9Page - Analog Devices TMP01GBC Datasheet HTML 10Page - Analog Devices TMP01GBC Datasheet HTML 11Page - Analog Devices TMP01GBC Datasheet HTML 12Page - Analog Devices TMP01GBC Datasheet HTML 13Page - Analog Devices TMP01GBC Datasheet HTML 14Page - Analog Devices TMP01GBC Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
TMP01
REV. C
–11–
The last class of high power devices discussed here are Thyris-
tors, which includes SCRs and Triacs. Triacs are a useful alter-
native to relays for switching ac line voltages. The 2N6073A
shown in Figure 15e is rated to handle 4A (rms). The
optoisolated MOC3011. Triac shown features excellent electri-
cal isolation from the noisy ac line and complete control over
the high power Triac with only a few additional components.
NC = NO CONNECT
NC
NC
V+ = 5V
R1
R2
R3
300
Ω
150
Ω
TEMPERATURE
SENSOR &
VOLTAGE
REFERENCE
1
2
3
4
HYSTERESIS
GENERATOR
WINDOW
COMPARATOR
TMP01
VPTAT
VREF
7
8
5
6
MOC3011
1
2
34
5
6
LOAD
AC
2N6073A
Figure 15e. Controlling the 2N6073A Triac
High Current Switching
As mentioned above, internal dissipation due to large loads on
the TMP01 outputs will cause some temperature error due to
self-heating. External transistors remove the load from the
TMP01, so that virtually no power is dissipated in the internal
transistors and no self-heating occurs. Figure 16 shows a few ex-
amples using external transistors. The simplest case, using a
single transistor on the output to invert the output signal is
shown in Figure 16a. When the open-collector of the TMP01
turns “ON” and pulls the output down, the external transistor
Q1’s base will be pulled low, turning off the transistor. Another
transistor can be added to reinvert the signal as shown in Figure
16b. Now, when the output of the TMP01 is pulled down, the
first transistor, Q1, turns off and its collector goes high, which
turns Q2 on, pulling its collector low. Thus, the output taken
from the collector of Q2 is identical to the output of the
TMP01. By picking a transistor that can accommodate large
amounts of current, many high power devices can be switched.
2N1711
V+
R1
R2
R3
4.7k
Ω
TEMPERATURE
SENSOR &
VOLTAGE
REFERENCE
1
2
3
4
HYSTERESIS
GENERATOR
WINDOW
COMPARATOR
TMP01
VPTAT
VREF
7
8
5
6
I
C
Q1
Figure 16a. An External Resistor Minimizes Self-Heating
Q1
Q2
2N1711
V+
R1
R2
R3
4.7k
Ω
TEMPERATURE
SENSOR &
VOLTAGE
REFERENCE
1
2
3
4
HYSTERESIS
GENERATOR
WINDOW
COMPARATOR
TMP01
VPTAT
VREF
7
8
5
6
I
C
4.7k
Ω
2N1711
Figure 16b. Second Transistor Maintains Polarity of
TMP01 Output
An example of a higher power transistor is a standard Darling-
ton configuration as shown in Figure 16c. The part chosen,
TIP-110, can handle 2A continuous which is more than enough
to control many high power relays. In fact the Darlington itself
can be used as the switch, similar to MOSFETs and IGBTs.
MOTOR
SWITCH
RELAY
+12V
2N1711
V+
R1
R2
R3
4.7k
Ω
TEMPERATURE
SENSOR &
VOLTAGE
REFERENCE
1
2
3
4
HYSTERESIS
GENERATOR
WINDOW
COMPARATOR
TMP01
VPTAT
VREF
7
8
5
6
I
C
4.7k
Ω
TIP-110
Figure 16c. Darlington Transistor Can Handle Large Currents



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com