Electronic Components Datasheet Search
  English  ▼

X  

TMP01GBC Datasheet(PDF) 15 Page - Analog Devices

Part # TMP01GBC
Description  Low Power, Programmable Temperature Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

TMP01GBC Datasheet(HTML) 15 Page - Analog Devices

Back Button TMP01GBC Datasheet HTML 8Page - Analog Devices TMP01GBC Datasheet HTML 9Page - Analog Devices TMP01GBC Datasheet HTML 10Page - Analog Devices TMP01GBC Datasheet HTML 11Page - Analog Devices TMP01GBC Datasheet HTML 12Page - Analog Devices TMP01GBC Datasheet HTML 13Page - Analog Devices TMP01GBC Datasheet HTML 14Page - Analog Devices TMP01GBC Datasheet HTML 15Page - Analog Devices TMP01GBC Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
TMP01
REV. C
–15–
Translating 5 mV/K to 10 mV/
°C
A useful circuit is shown in Figure 23 that translates the VPTAT
output voltage, which is calibrated in Kelvins, into an output
that can be read directly in degrees Celsius on a voltmeter
display. To accomplish this, an external amplifier is configured
as a differential amplifier. The resistors are scaled so the VREF
voltage will exactly cancel the VPTAT voltage at 0.0
°C.
5
1
+15V
–15V
10pF
V
OUT
(10mV/
°C)
(V
OUT
= 0.0V @ T = 0.0
°C)
487
Ω
7
6
4
3
2
OP177
100k
Ω
100k
Ω
4.12k
Ω
VPTAT
VREF
TMP01
4.22k
Ω
105k
Ω
Figure 23. Translating 5 mV/K to 10 mV/
°C
However, the gain from VPTAT to the output is two, so that
5 mV/K becomes 10 mV/
°C. Thus, for a temperature of +80°C,
the output voltage is 800 mV. Circuit errors will be due prima-
rily to the inaccuracies of the resistor values. Using 1% resistors
the observed error was less than 10 mV, or 1
°C. The 10 pF
feedback capacitor helps to ensure against oscillations. For bet-
ter accuracy, a adjustment potentiometer can be added in series
with either 100 k
Ω resistor.
Translating VPTAT to the Fahrenheit Scale
A very similar circuit to the one shown in Figure 23 can be used
to translate VPTAT into an output that can be read directly in
degrees Fahrenheit, with a scaling of 10 mV/
°F. Only unity gain
or less is available from the first stage differentiating circuit, so
the second amplifier provides a gain of two to complete the con-
version to the Fahrenheit scale. Using the circuit in Figure 24, a
temperature of 0.0
°F gives an output of 0.00 V. At room tem-
perature (70
°F) the output voltage is 700 mV. A –40°C to
+85
°C operating range translates into –40°F to +185°F. The
errors are essentially the same as for the circuit in Figure 23.
V
OUT
= 0.0V @ T = 0.0
°F
(10mV/
°F)
5
1
+15V
–15V
10pF
121
Ω
7
6
4
3
2
1/2
OP297
100k
Ω
100k
Ω
6.49k
Ω
VPTAT
VREF
TMP01
1.0k
Ω
90.9k
Ω
100k
Ω
7
6
5
1/2
OP297
100k
Ω
Figure 24. Translating 5 mV/K to 10 mV/
°F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com