Electronic Components Datasheet Search
  English  ▼

X  

TMP01GBC Datasheet(PDF) 12 Page - Analog Devices

Part # TMP01GBC
Description  Low Power, Programmable Temperature Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

TMP01GBC Datasheet(HTML) 12 Page - Analog Devices

Back Button TMP01GBC Datasheet HTML 8Page - Analog Devices TMP01GBC Datasheet HTML 9Page - Analog Devices TMP01GBC Datasheet HTML 10Page - Analog Devices TMP01GBC Datasheet HTML 11Page - Analog Devices TMP01GBC Datasheet HTML 12Page - Analog Devices TMP01GBC Datasheet HTML 13Page - Analog Devices TMP01GBC Datasheet HTML 14Page - Analog Devices TMP01GBC Datasheet HTML 15Page - Analog Devices TMP01GBC Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
TMP01
REV. C
–12–
Buffering the Temperature Output Pin
The VPTAT sensor output is a low impedance dc output volt-
age with a 5 mV/K temperature coefficient, and is useful in a
number of measurement and control applications. In many ap-
plications, this voltage needs to be transmitted to a central loca-
tion for processing. The buffered VPTAT voltage output is
capable of 500
µA drive into 50 pF (max). As mentioned in the
discussion above regarding buffering circuits for the VREF out-
put, it is useful to consider external amplifiers for interfacing
VPTAT to external circuitry to ensure accuracy, and to mini-
mize loading which could create dissipation-induced tempera-
ture sensing errors. An excellent general-purpose buffer circuit
using the OP177 is shown in Figure 17 which is capable of driv-
ing over 10 mA, and will remain stable under capacitive loads of
up to 0.1
µF. Other interfacing ideas are shown below.
Differential Transmitter
In noisy industrial environments, it is difficult to send an accu-
rate analog signal over a significant distance. However, by send-
ing the signal differentially on a wire pair, these errors can be
significantly reduced. Since the noise will be picked up equally
on both wires, a receiver with high common-mode input rejec-
tion can be used to cancel out the noise very effectively at the
Figure 17. Buffer VPTAT to Handle Difficult Loads
receiving end. Figure 18 shows two amplifiers being used to
send the signal differentially, and an excellent differential
receiver, the AMP03, which features a common-mode rejection
ratio of 95 dB at dc and very low input and drift errors.
0.1
µF
V+
V–
C
L
V
OUT
VPTAT
OP177
V+
R1
R2
R3
100
Ω
TEMPERATURE
SENSOR &
VOLTAGE
REFERENCE
1
2
3
4
HYSTERESIS
GENERATOR
WINDOW
COMPARATOR
TMP01
VPTAT
VREF
7
8
5
6
10k
Ω
V
OUT
VPTAT
1/2
OP297
V+
R1
R2
R3
50
Ω
TEMPERATURE
SENSOR &
VOLTAGE
REFERENCE
1
2
3
4
HYSTERESIS
GENERATOR
WINDOW
COMPARATOR
TMP01
VPTAT
VREF
7
8
5
6
10k
Ω
V+
V–
10k
Ω
1/2
OP297
10k
Ω
AMP03
50
Ω
Figure 18. Send the Signal Differentially for Noise Immunity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com