Electronic Components Datasheet Search
  English  ▼

X  

0453391602 Datasheet(PDF) 9 Page - Molex Electronics Ltd.

Part # 0453391602
Description  0.8MM HANDYLINK PLUG CONNECTOR MODULES FOR WIRE TERMINATION
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

0453391602 Datasheet(HTML) 9 Page - Molex Electronics Ltd.

Back Button 0453391602 Datasheet HTML 5Page - Molex Electronics Ltd. 0453391602 Datasheet HTML 6Page - Molex Electronics Ltd. 0453391602 Datasheet HTML 7Page - Molex Electronics Ltd. 0453391602 Datasheet HTML 8Page - Molex Electronics Ltd. 0453391602 Datasheet HTML 9Page - Molex Electronics Ltd. 0453391602 Datasheet HTML 10Page - Molex Electronics Ltd. 0453391602 Datasheet HTML 11Page - Molex Electronics Ltd. 0453391602 Datasheet HTML 12Page - Molex Electronics Ltd. 0453391602 Datasheet HTML 13Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
HANDYLINK™
APPLICATION SPECIFICATION
REVISION:
ECR/ECN INFORMATION:
SHEET No.
EC No:
UCP2006- 1391
A
DATE:
2005/12/13
TITLE:
APPLICATION SPECIFICATION
HANDYLINK™I/O CONNECTOR SYSTEM
9 of 26
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SD-45339-001
M. Simmel
Marc Simmel
Joe Comerci
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
6.0 MECHANICAL MOUNTING RECOMMENDATIONS
6.1
Mechanical Fasteners and Support
6.1.1
Receptacle Connector
Molex recommends that the receptacle connector be mounted within the end-application enclosure such that it is recessed by 1.6 to
2.4mm from the outermost faces and with a 0.10mm maximum clearance with the casing inner walls. Such a recess provides multiple
advantages in terms of protecting the contact surfaces from accidental impact with foreign objects, providing mechanical support when
the mating plug connector assembly is torqued by abusive handling, and helps to reduce direct contact with hand oils or other
contamination. See Figures 3A and 3B, below, for recommendations on recess dimensions.
Figure 3A. Receptacle Connector Recess When Mating with the Plug Only (units: mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com