Electronic Components Datasheet Search
  English  ▼

X  

0453391602 Datasheet(PDF) 21 Page - Molex Electronics Ltd.

Part # 0453391602
Description  0.8MM HANDYLINK PLUG CONNECTOR MODULES FOR WIRE TERMINATION
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

0453391602 Datasheet(HTML) 21 Page - Molex Electronics Ltd.

Back Button 0453391602 Datasheet HTML 17Page - Molex Electronics Ltd. 0453391602 Datasheet HTML 18Page - Molex Electronics Ltd. 0453391602 Datasheet HTML 19Page - Molex Electronics Ltd. 0453391602 Datasheet HTML 20Page - Molex Electronics Ltd. 0453391602 Datasheet HTML 21Page - Molex Electronics Ltd. 0453391602 Datasheet HTML 22Page - Molex Electronics Ltd. 0453391602 Datasheet HTML 23Page - Molex Electronics Ltd. 0453391602 Datasheet HTML 24Page - Molex Electronics Ltd. 0453391602 Datasheet HTML 25Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
HANDYLINK™
APPLICATION SPECIFICATION
REVISION:
ECR/ECN INFORMATION:
SHEET No.
EC No:
UCP2006- 1391
A
DATE:
2005/12/13
TITLE:
APPLICATION SPECIFICATION
HANDYLINK™I/O CONNECTOR SYSTEM
21 of 26
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SD-45339-001
M. Simmel
Marc Simmel
Joe Comerci
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
6.4.2
Cradle Designs
o
Cup Style
The cup or holster style of cradle provides the greatest degree of alignment between mating connectors. Where the end product
mass is greater than 1000 grams the use of supplemental alignment posts is recommended. The alignment posts’ effective length (not
including any lead-in taper) must be longer than the protrusion of the connector posts from the base surface of the cup-style receptacle.
Further, the alignment posts’ centerlines must lie in the same plane as the centerlines of the plug connector posts to provide the greatest
benefits. Guide ribs are necessary on each side to limit front-to back rocking motion as the device is loaded into the cup-style cradle.
Figure 15. Cup-Style Cradle Features
NOTE: For details about mounting the connectors to the PCB and the use of
fasteners, please refer to the applicable Sales Drawings.
Supplemental
Alignment Posts
Guide Rails
(each side)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com