Electronic Components Datasheet Search
  English  ▼

X  

0453391602 Datasheet(PDF) 13 Page - Molex Electronics Ltd.

Part # 0453391602
Description  0.8MM HANDYLINK PLUG CONNECTOR MODULES FOR WIRE TERMINATION
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

0453391602 Datasheet(HTML) 13 Page - Molex Electronics Ltd.

Back Button 0453391602 Datasheet HTML 9Page - Molex Electronics Ltd. 0453391602 Datasheet HTML 10Page - Molex Electronics Ltd. 0453391602 Datasheet HTML 11Page - Molex Electronics Ltd. 0453391602 Datasheet HTML 12Page - Molex Electronics Ltd. 0453391602 Datasheet HTML 13Page - Molex Electronics Ltd. 0453391602 Datasheet HTML 14Page - Molex Electronics Ltd. 0453391602 Datasheet HTML 15Page - Molex Electronics Ltd. 0453391602 Datasheet HTML 16Page - Molex Electronics Ltd. 0453391602 Datasheet HTML 17Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
HANDYLINK™
APPLICATION SPECIFICATION
REVISION:
ECR/ECN INFORMATION:
SHEET No.
EC No:
UCP2006- 1391
A
DATE:
2005/12/13
TITLE:
APPLICATION SPECIFICATION
HANDYLINK™I/O CONNECTOR SYSTEM
13 of 26
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SD-45339-001
M. Simmel
Marc Simmel
Joe Comerci
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
Figure 6.
Plug Soldering Set-Up
NOTE: The wire bundle must be properly supported or clamped
as shown, during soldering and handling, to avoid dislodging
terminals or latches from the housing prior to encapsulation,
application of a strain relief, and the final over-mold.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com