Electronic Components Datasheet Search
  English  ▼

X  

LTC2945 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC2945
Description  Wide Range I2C Power Monitor Rail-to-Rail Input Range: 0V to 80V
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2945 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC2945 Datasheet HTML 3Page - Linear Technology LTC2945 Datasheet HTML 4Page - Linear Technology LTC2945 Datasheet HTML 5Page - Linear Technology LTC2945 Datasheet HTML 6Page - Linear Technology LTC2945 Datasheet HTML 7Page - Linear Technology LTC2945 Datasheet HTML 8Page - Linear Technology LTC2945 Datasheet HTML 9Page - Linear Technology LTC2945 Datasheet HTML 10Page - Linear Technology LTC2945 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
LTC2945
7
2945f
TYPICAL PERFORMANCE CHARACTERISTICS
SDAO, SDAO, ALERT Loaded
Output Low Voltage
SENSE+ Input Current
SCL, SDAI Loaded Clamp Voltage
SENSE– Input Current
INTVCC Shunt Regulator Load
Regulation
ADRO, ADR1 Voltage with Current
Sink or Source
ADC Integral Nonlinearity
(ΔSENSE)
ADC Differential Nonlinearity
(ΔSENSE)
ADC Total Unadjusted Error
(ΔSENSE)
VDD = 48V, TA = 25°C, unless noted.
CODE
0
–0.4
0.4
0.2
–0.2
0.0
3072
4096
1024
2048
2945 G10
CODE
0
–0.3
0.3
0.0
0.1
0.2
–0.2
–0.1
3072
4096
1024
2048
2945 G11
CODE
0
–0.50
0.50
0.25
–0.25
0.00
3072
4096
1024
2048
2945 G12
ISDA,ALERT (mA)
0
0.0
0.4
0.3
0.1
0.2
810
246
2945 G13
ILOAD (mA)
0.01
6.0
6.6
6.5
6.1
6.2
6.3
6.4
10.00
0.10
1.00
2945 G14
VSENSE+ (V)
0
–10
150
110
30
70
80
20
40
60
2945 G16
VSENSE+ (V)
0
–2
10
8
6
0
4
2
80
20
40
60
2945 G17
IADR (μA)
–10
0.0
3.0
2.5
2.0
0.5
1.5
1.0
10
–5
0
5
2945 G18
VCC SHUNT CURRENT (mA)
0
6.0
6.6
6.4
6.2
30
40
10
20
2945 G15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com