Electronic Components Datasheet Search
  English  ▼

X  

LTC2945 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC2945
Description  Wide Range I2C Power Monitor Rail-to-Rail Input Range: 0V to 80V
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2945 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC2945 Datasheet HTML 2Page - Linear Technology LTC2945 Datasheet HTML 3Page - Linear Technology LTC2945 Datasheet HTML 4Page - Linear Technology LTC2945 Datasheet HTML 5Page - Linear Technology LTC2945 Datasheet HTML 6Page - Linear Technology LTC2945 Datasheet HTML 7Page - Linear Technology LTC2945 Datasheet HTML 8Page - Linear Technology LTC2945 Datasheet HTML 9Page - Linear Technology LTC2945 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
LTC2945
6
2945f
TYPICAL PERFORMANCE CHARACTERISTICS
INTVCC Supply Current in
Shutdown
INTVCC Load Regulation
INTVCC Line Regulation
ADC Integral Nonlinearity (ADIN)
ADC Differential Nonlinearity
(ADIN)
ADC Total Unadjusted Error
(ADIN)
VDD Supply Current
VDD Supply Current in Shutdown
INTVCC Supply Current
VDD = 48V, TA = 25°C, unless noted.
VDD SUPPLY VOLTAGE (V)
0
600
800
750
700
650
60
80
20
40
2945 G01
VDD SUPPLY VOLTAGE (V)
0
10
70
60
40
50
20
30
60
80
20
40
2945 G02
VCC SUPPLY VOLTAGE (V)
2
500
600
575
525
550
56
34
2945 G03
VCC SUPPLY VOLTAGE (V)
2
10.0
22.5
17.5
20.0
12.5
15.0
56
34
2945 G04
CODE
0
–0.3
0.3
0.0
0.1
0.2
–0.2
–0.1
3072
4096
1024
2048
2945 G07
CODE
0
–0.3
0.3
0.0
0.1
0.2
–0.2
–0.1
3072
4096
1024
2048
2945 G08
CODE
0
–0.02
0.02
0.01
–0.01
0
3072
4096
1024
2048
2945 G09
LOAD CURRENT (mA)
0
4.8
5.2
5.1
4.9
5.0
8
610
24
2945 G05
VDD SUPPLY VOLYAGE (V)
0
3.0
5.5
4.5
5.0
3.5
4.0
60
40
80
20
2945 G06



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com