Electronic Components Datasheet Search
  English  ▼

X  

LTC2945 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC2945
Description  Wide Range I2C Power Monitor Rail-to-Rail Input Range: 0V to 80V
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2945 Datasheet(HTML) 5 Page - Linear Technology

  LTC2945 Datasheet HTML 1Page - Linear Technology LTC2945 Datasheet HTML 2Page - Linear Technology LTC2945 Datasheet HTML 3Page - Linear Technology LTC2945 Datasheet HTML 4Page - Linear Technology LTC2945 Datasheet HTML 5Page - Linear Technology LTC2945 Datasheet HTML 6Page - Linear Technology LTC2945 Datasheet HTML 7Page - Linear Technology LTC2945 Datasheet HTML 8Page - Linear Technology LTC2945 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
LTC2945
5
2945f
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: All currents into pins are positive. All voltages are referenced to
ground, unless otherwise noted.
Note 3: An internal shunt regulator limits the INTVCC pin to a minimum of
5.9V. Driving this pin to voltages beyond 5.9V may damage the part. This
pin can be safely tied to higher voltages through a resistor that limits the
current below 35mA.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
I2C INTERFACE TIMING (Note 5)
fSCL(MAX)
Maximum SCL Clock Frequency
400
kHz
tLOW
Minimum SCL Low Period
0.65
1.3
μs
tHIGH
Minimum SCL High Period
50
600
ns
tBUF(MIN)
Minimum Bus Free Time Between Stop/Start
Condition
0.12
1.3
μs
tHD,STA(MIN)
Minimum Hold Time After (Repeated) Start
Condition
140
600
ns
tSU,STA(MIN)
Minimum Repeated Start Condition Set-Up
Time
30
600
ns
tSU,STO(MIN)
Minimum Stop Condition Set-Up Time
30
600
ns
tHD,DATI(MIN)
Minimum Data Hold Time Input
–100
0
ns
tHD,DATO(MIN)
Minimum Data Hold Time Output
300
600
900
ns
tSU,DAT(MIN)
Minimum Data Set-Up Time
30
100
ns
tSP(MAX)
Maximum Suppressed Spike Pulse Width
50
110
250
ns
tRST
Stuck Bus Reset Time
SCL or SDAI Held Low
25
33
ms
CX
SCL, SDAI Input Capacitance
510
pF
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VDD is from 4V to 80V unless otherwise noted. (Note 2)
Note 4: Internal clamps limit the SCL and SDAI pins to a minimum of 5.9V.
Driving these pins to voltages beyond the clamp may damage the part. The
pins can be safely tied to higher voltages through resistors that limit the
current below 5mA.
Note 5: Guaranteed by design and not subject to test.
Note 6:
TUE
=
ACTUAL CODE
−IDEAL CODE
()
4096
×100%
where IDEAL CODE is derived from a straight line passing through Code 0
at 0V and Theoretical Code of 4096 at VFS.
Note 7: ΔSENSE is defined as VSENSE+ – VSENSE–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com