Electronic Components Datasheet Search
  English  ▼

X  

LTC2450 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC2450
Description  Wide Range I2C Power Monitor Rail-to-Rail Input Range: 0V to 80V
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2450 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC2450 Datasheet HTML 14Page - Linear Technology LTC2450 Datasheet HTML 15Page - Linear Technology LTC2450 Datasheet HTML 16Page - Linear Technology LTC2450 Datasheet HTML 17Page - Linear Technology LTC2450 Datasheet HTML 18Page - Linear Technology LTC2450 Datasheet HTML 19Page - Linear Technology LTC2450 Datasheet HTML 20Page - Linear Technology LTC2450 Datasheet HTML 21Page - Linear Technology LTC2450 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
LTC2945
18
2945f
APPLICATIONS INFORMATION
Figure 13. Opto-Isolation of a 10kHz I2C Interface Between LTC2945 and Microcontroller (SCL Omitted for Clarity)
Figure 14. Low Speed 10kHz Opto-Isolators Powered from Low-Side Shunt Regulator
Figure 15. Low Speed 10kHz Opto-Isolators Powered from High-Side Shunt Regulator
VIN
48V
1/2 ACPL-064L*
1/2 ACPL-064L*
* CMOS OUTPUT
ISO_SDA
C1
1μF
C2
1μF
R5
2k
VDD
INTVCC
LTC2945-1
SDAO
SDAI
GND
VCC
VCC
GND
GND
BS170
M1
R6
2k
R7
2k
2945 F13
3.3V
GND
SDA
μP
VDD
LTC2945
SDAI
SDAO
GND
GND
3.3V
GND
SDA
μP
1/2 MOCD207M
1/2 MOCD207M
R3
1k
R1
10k
R2
0.51k
R4
10k
VDD
RSHUNT
2945 F14
RSNS
0.02Ω
SENSE–
SENSE+
INTVCC
VDD
C1
1μF
VOUT
VEE
VEE
LTC2945-1
SDAI
SDAO
GND
3.3V
GND
SDA
μP
1/2 MOCD207M
1/2 MOCD207M
R3
1k
R1
10k
R2
1k
R4
10k
VDD
RSHUNT
VOUT
VOUT
2945 F15
RSNS
0.02Ω
SENSE+
SENSE–
INTVCC
VDD
C1
1μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com