Electronic Components Datasheet Search
  English  ▼

X  

LTC2450 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC2450
Description  Wide Range I2C Power Monitor Rail-to-Rail Input Range: 0V to 80V
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2450 Datasheet(HTML) 3 Page - Linear Technology

  LTC2450 Datasheet HTML 1Page - Linear Technology LTC2450 Datasheet HTML 2Page - Linear Technology LTC2450 Datasheet HTML 3Page - Linear Technology LTC2450 Datasheet HTML 4Page - Linear Technology LTC2450 Datasheet HTML 5Page - Linear Technology LTC2450 Datasheet HTML 6Page - Linear Technology LTC2450 Datasheet HTML 7Page - Linear Technology LTC2450 Datasheet HTML 8Page - Linear Technology LTC2450 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
LTC2945
3
2945f
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC2945CUD#PBF
LTC2945CUD#TRPBF
LFWK
12-Lead (3mm × 3mm) Plastic QFN
0°C to 70°C
LTC2945IUD#PBF
LTC2945IUD#TRPBF
LFWK
12-Lead (3mm × 3mm) Plastic QFN
–40°C to 85°C
LTC2945CUD-1#PBF
LTC2945CUD-1#TRPBF
LFYX
12-Lead (3mm × 3mm) Plastic QFN
0°C to 70°C
LTC2945IUD-1#PBF
LTC2945IUD-1#TRPBF
LFYX
12-Lead (3mm × 3mm) Plastic QFN
–40°C to 85°C
LTC2945CMS#PBF
LTC2945CMS#TRPBF
2945
12-Lead Plastic MSOP
0°C to 70°C
LTC2945IMS#PBF
LTC2945IMS#TRPBF
2945
12-Lead Plastic MSOP
–40°C to 85°C
LTC2945CMS-1#PBF
LTC2945CMS-1#TRPBF
29451
12-Lead Plastic MSOP
0°C to 70°C
LTC2945IMS-1#PBF
LTC2945IMS-1#TRPBF
29451
12-Lead Plastic MSOP
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SUPPLIES
VDD
VDD Supply Voltage Range
l
480
V
VINTVCC
INTVCC Supply Voltage Range
l
2.7
5.9
V
IDD
VDD Supply Current
VDD = 48V, INTVCC Open
Shutdown
l
l
0.8
40
1.2
70
mA
μA
ICC
INTVCC Supply Current
INTVCC = VDD = 5V
Shutdown, INTVCC = VDD = 5V
l
l
0.6
20
0.9
80
mA
μA
ICCSRC
INTVCC Linear Regulator Output Current
VDD = 7V
l
–10
mA
VCC
INTVCC Linear Regulator Voltage
7V < VDD < 80V, ILOAD = 1mA
l
4.5
5
5.5
V
ΔVCC
INTVCC Linear Regulator Load Regulation
7V < VDD < 80V, ILOAD = 1mA to 10mA
l
100
200
mV
VCCZ
INTVCC Shunt Regulator Voltage
VDD = 48V, ICC = 1mA
l
5.9
6.3
6.7
V
ΔVCCZ
INTVCC Shunt Regulator Load Regulation
VDD = 48V, ICC = 1mA to 35mA
l
250
mV
VCC(UVL)
INTVCC Supply Undervoltage Lockout
INTVCC Rising, VDD = INTVCC
l
2.2
2.6
2.69
V
VDD(UVL)
VDD Supply Undervoltage Lockout
VDD Rising, INTVCC Open
l
2.9
3.2
3.5
V
VDDI2C(RST)
VDD I2C Logic Reset
VDD Falling, INTVCC Open
l
2
2.5
V
VCCI2C(RST)
INTVCC I2C Logic Reset
INTVCC Falling, VDD = INTVCC
l
1.5
1.8
V
SENSE INPUTS
VCM
SENSE+, SENSE– Common Mode Voltage
l
080
V
ISENSE+(HI)
48V SENSE+ Input Current
SENSE+, SENSE–, VDD = 48V
Shutdown
l
l
100
150
2
μA
μA
ISENSE–(HI)
48V SENSE– Input Current
SENSE+, SENSE–, VDD = 48V
Shutdown
l
l
20
1
μA
μA
ISENSE+(LO)
0V SENSE+ Source Current
SENSE+, SENSE– = 0V VDD = 48V
Shutdown
l
l
–10
–2
μA
μA
ISENSE–(LO)
0V SENSE– Source Current
SENSE+, SENSE– = 0V, VDD = 48V
Shutdown
l
l
–5
±1
μA
μA
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VDD is from 4V to 80V unless otherwise noted. (Note 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com