Electronic Components Datasheet Search
  English  ▼

X  

LTC2450 Datasheet(PDF) 32 Page - Linear Technology

Part # LTC2450
Description  Wide Range I2C Power Monitor Rail-to-Rail Input Range: 0V to 80V
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2450 Datasheet(HTML) 32 Page - Linear Technology

Back Button LTC2450 Datasheet HTML 24Page - Linear Technology LTC2450 Datasheet HTML 25Page - Linear Technology LTC2450 Datasheet HTML 26Page - Linear Technology LTC2450 Datasheet HTML 27Page - Linear Technology LTC2450 Datasheet HTML 28Page - Linear Technology LTC2450 Datasheet HTML 29Page - Linear Technology LTC2450 Datasheet HTML 30Page - Linear Technology LTC2450 Datasheet HTML 31Page - Linear Technology LTC2450 Datasheet HTML 32Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 32 / 32 page
background image
LTC2945
32
2945f
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2012
LT 1012 • PRINTED IN USA
RELATED PARTS
TYPICAL APPLICATION
PART NUMBER DESCRIPTION
COMMENTS
LTC4151
High Voltage I2C Current and Voltage Monitor
7V to 80V Operation, 12-Bit Resolution with ±1.25% TUE
LT6105
Rail-to-Rail Input Current Sense Amplifier
Very Wide Input Common Mode Range, 2.85V to 36V Operation
LTC2450
Easy-to-Use, Ultra-Tiny 16-Bit ADC
GND to VCC Single-Ended Input Range, 0.02 LSB RMS Noise, 2 LSB INL
(No Missing Codes), 2 LSB Offset Error, 4 LSB Full-Scale Error
LTC4215
Single Channel, Hot Swap Controller with I2C Monitoring
8-Bit ADC, Adjustable Current Limit and Inrush, 2.9V to 15V Operation
LTC4222
Dual Channel, Hot Swap Controller with I2C Monitoring
10-Bit ADC, Adjustable Current Limit and Inrush, 2.9V to 29V Operation
LTC4260
Positive High Voltage Hot Swap Controller with I2C Monitoring 8-Bit ADC, Adjustable Current Limit and Inrush, 8.5V to 80V Operation
LTC4261
Negative High Voltage Hot Swap Controller with I2C Monitoring 10-Bit ADC, Floating Topology, Adjustable Inrush
LTC2940
Power and Current Monitor
Four-Quadrant Multiplication, ±5% Power Accuracy, 4V to 80V Operation
LTC2970
Dual I2C Power Supply Monitor and Margining Controller
14-Bit ADC with ±0.5% TUE, Dual 8-Bit DACs
LTC2974
Quad Digital Power Supply Manager with EEPROM
16-Bit ADC with ±0.25% TUE, Supervise/Sequence/Monitor/Margin/
Trim, Configuration/Fault Logging EEPROM, I2C, Supervise/Monitor
Current and Temperature
LTC2978
Octal Digital Power Supply Manager with EEPROM
16-Bit ADC with ±0.25% TUE, Supervise/Sequence/Monitor/Margin/
Trim, Configuration/Fault Logging EEPROM, I2C
Rail-to-Rail Bidirectional Current and Power Monitor
3.3V Input Supply Monitor with 12V VDD Input
V+
IN–
IN+
V–
LT6105
2.7V TO 5.9V
VOUT
VIN
0V TO 44V
SENSE+
SENSE–
ALERT
SCL
SDAI
ADIN
ADR0
ADR1
LTC2945
SDAO
INTVCC
VDD
RSNS
0.02Ω
RIN1
1k
RIN2
1k
TO
LOAD
RADIN
20k
I2C
INTERFACE
2945 TA11
GND
FORWARD
SENSE+
ΔSENSE
INTERNALLY GENERATED
USE EXTERNAL μP TO
MULTIPLY VOLTAGE (SENSE+)
AND CURRENT (ADIN) DATA
ADIN
SENSE+
1
VOLTAGE
DATA
CURRENT
DATA
POWER
DATA
CONTROL REG
A2
1
REVERSE
C2
0.1μF
R1
2k
R2
2k
R3
2k
VIN
3.3V
3.3V
12V
RSNS
0.02Ω
VOUT
VDD
VADIN
VDD
ADR0
INTVCC
SENSE+
GND
GND
2945 TA12
SENSE–
LTC2945
ADR1
SCL
SCL
SDA
SDAI
SDAO
ADIN
ALERT
INT
μP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com