Electronic Components Datasheet Search
  English  ▼

X  

LTC4222 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC4222
Description  Wide Range I2C Power Monitor Rail-to-Rail Input Range: 0V to 80V
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4222 Datasheet(HTML) 1 Page - Linear Technology

  LTC4222 Datasheet HTML 1Page - Linear Technology LTC4222 Datasheet HTML 2Page - Linear Technology LTC4222 Datasheet HTML 3Page - Linear Technology LTC4222 Datasheet HTML 4Page - Linear Technology LTC4222 Datasheet HTML 5Page - Linear Technology LTC4222 Datasheet HTML 6Page - Linear Technology LTC4222 Datasheet HTML 7Page - Linear Technology LTC4222 Datasheet HTML 8Page - Linear Technology LTC4222 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
LTC2945
1
2945f
TYPICAL APPLICATION
FEATURES
DESCRIPTION
Wide Range
I2C Power Monitor
Wide Range Power Monitor with Onboard ADC and I2C
APPLICATIONS
n Rail-to-Rail Input Range: 0V to 80V
n Wide Input Supply Range: 2.7V to 80V
n Shunt Regulator for Supplies >80V
n Δ∑ ADC with less than ±0.75% Total Unadjusted Error
n 12-Bit Resolution for Current and Voltages
n Internal Multiplier Calculates 24-Bit Power Value
n Stores Minimum and Maximum Values
n Additional ADC Input Monitors an External Voltage
n Internal Digital Multiplier Calculates Power
n Continuous Scan and Snapshot Modes
n Shutdown Mode with IQ < 80μA
n Split SDA for Opto-Isolation
n Available in 12-Lead 3mm × 3mm QFN and MSOP
Packages
n Telecom Infrastructure
n Industrial
n Automotive
n Consumer
L, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.
I2C
INTERFACE
NINE I2C
ADDRESSES
SENSE+
SENSE–
ALERT
SCL
SDAI
SDAO
ADIN
VDD
INTVCC
ADR1
ADR0
GND
LTC2945
MEASURED
VOLTAGE
TO
LOAD
0.1μF
0.02Ω
VIN
4V TO 80V
2945 TA01
ADC Differential
Nonlinearity (ADIN)
ADC Integral Nonlinearity
(ADIN)
The LTC®2945 is a rail-to-rail system monitor that mea-
sures current, voltage, and power. It features an operating
range of 2.7V to 80V and includes a shunt regulator for
supplies above 80V to allow flexibility in the selection of
input supply. The current measurement range of 0V to
80V is independent of the input supply. An onboard 0.75%
accurate 12-bit ADC measures load current, input voltage
and an auxiliary external voltage. A 24-bit power value is
generated by digitally multiplying the measured 12-bit load
current and input voltage data. Minimum and maximum
values are stored and an overrange alert with program-
mable thresholds minimizes the need for software polling.
Data is reported via a standard I2C interface. Shutdown
mode reduces power consumption to 20μA.
The LTC2945 I2C interface includes separate data input
and output pins for use with standard or opto-isolated I2C
connections. The LTC2945-1 has an inverted data output
for use with inverting opto-isolator configurations.
CODE
0
–0.3
0.3
0.0
0.1
0.2
–0.2
–0.1
3072
4096
1024
2048
2945 TA01a
CODE
0
–0.3
0.3
0.0
0.1
0.2
–0.2
–0.1
3072
4096
1024
2048
2945 TA01b


Similar Part No. - LTC4222

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4222 LINER-LTC4222 Datasheet
276Kb / 32P
Dual Hot Swap Controller with I2C Compatible Monitoring
LTC4222 LINER-LTC4222 Datasheet
384Kb / 24P
Dual Ideal Diode and Hot Swap Controller
LTC4222 LINER-LTC4222 Datasheet
341Kb / 24P
Wide Operating Range Dual Hot Swap Controller Fast Response Limits Peak Fault Current
LTC4222 LINER-LTC4222 Datasheet
496Kb / 22P
Dual 12V Ideal Diode-OR and Single Hot Swap Controller with Current Monitor
LTC4222 LINER-LTC4222 Datasheet
563Kb / 24P
Dual Ideal Diode-OR and Single Hot Swap Controller with Current Monitor
More results

Similar Description - LTC4222

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8226 AD-AD8226 Datasheet
547Kb / 16P
Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
Rev. PrA
AD8226ARMZ AD-AD8226ARMZ Datasheet
685Kb / 28P
Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
REV. A
AD8420 AD-AD8420 Datasheet
256Kb / 10P
Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
Rev. PrD
AD8426 AD-AD8426 Datasheet
284Kb / 20P
Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
Rev. PrD
AD8426_1108 AD-AD8426_1108 Datasheet
805Kb / 28P
Wide Supply Range, Rail-to-Rail
REV. 0
logo
Linear Technology
LTC2945 LINER-LTC2945_15 Datasheet
818Kb / 34P
Wide Range I2C Power Monitor
logo
SHANGHAI BELLING CO., L...
BL1551 BELLING-BL1551 Datasheet
135Kb / 10P
Rail-to-Rail Signal Range
logo
Analog Devices
AD8226 AD-AD8226_16 Datasheet
707Kb / 29P
Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
REV. C
AD8227 AD-AD8227_16 Datasheet
539Kb / 25P
Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
Rev. 0
AD8426 AD-AD8426_16 Datasheet
625Kb / 29P
Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com