Electronic Components Datasheet Search
  English  ▼

X  

LTC4222 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC4222
Description  Wide Range I2C Power Monitor Rail-to-Rail Input Range: 0V to 80V
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4222 Datasheet(HTML) 2 Page - Linear Technology

  LTC4222 Datasheet HTML 1Page - Linear Technology LTC4222 Datasheet HTML 2Page - Linear Technology LTC4222 Datasheet HTML 3Page - Linear Technology LTC4222 Datasheet HTML 4Page - Linear Technology LTC4222 Datasheet HTML 5Page - Linear Technology LTC4222 Datasheet HTML 6Page - Linear Technology LTC4222 Datasheet HTML 7Page - Linear Technology LTC4222 Datasheet HTML 8Page - Linear Technology LTC4222 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
LTC2945
2
2945f
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VDD Voltage.............................................. –0.3V to 100V
SENSE+ Voltage ...........................................–1V to 100V
SENSE– Voltage .....–1V or SENSE+ – 1V to SENSE+ + 1V
INTVCC Voltage (Note 3) ........................... –0.3V to 5.9V
ADR1, ADR0, ADIN, ALERT, SDAO, SDAO
Voltage......................................................... –0.3V to 7V
INTVCC Clamp Current ...........................................35mA
(Notes 1, 2)
LTC2945
12 11 10
4
5
6
TOP VIEW
13
UD PACKAGE
12-LEAD (3mm
3mm) PLASTIC QFN
7
8
9
3
2
1
INTVCC
ADR1
ADR0
ALERT
SDAO
SDAI
TJMAX = 125°C, θJA = 58.7°C/W
EXPOSED PAD (Pin 13) PCB GND CONNECTION OPTIONAL
1
2
3
4
5
6
VDD
INTVCC
ADR1
ADR0
ADIN
GND
12
11
10
9
8
7
SENSE+
SENSE–
ALERT
SDAO
SDAI
SCL
TOP VIEW
MS PACKAGE
12-LEAD PLASTIC MSOP
TJMAX = 125°C, θJA = 135°C/W
LTC2945-1
12 11 10
4
5
6
TOP VIEW
13
UD PACKAGE
12-LEAD (3mm
3mm) PLASTIC QFN
7
8
9
3
2
1
INTVCC
ADR1
ADR0
ALERT
SDAO
SDAI
TJMAX = 125°C, θJA = 58.7°C/W
EXPOSED PAD (Pin 13) PCB GND CONNECTION OPTIONAL
1
2
3
4
5
6
VDD
INTVCC
ADR1
ADR0
ADIN
GND
12
11
10
9
8
7
SENSE+
SENSE–
ALERT
SDAO
SDAI
SCL
TOP VIEW
MS PACKAGE
12-LEAD PLASTIC MSOP
TJMAX = 125°C, θJA = 135°C/W
SCL, SDAI Voltages (Note 4)..................... –0.3V to 5.9V
SCL, SDAI Clamp Current ........................................5mA
Operating Temperature Range
LTC2945C................................................ 0°C to 70°C
LTC2945I ............................................. –40°C to 85°C
Storage Temperature Range .................. –65°C to 150°C
Lead Temperature (Soldering, 10sec)
MS Package Only.............................................. 300°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com