Electronic Components Datasheet Search
  English  ▼

X  

LTC4222 Datasheet(PDF) 30 Page - Linear Technology

Part # LTC4222
Description  Wide Range I2C Power Monitor Rail-to-Rail Input Range: 0V to 80V
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4222 Datasheet(HTML) 30 Page - Linear Technology

Back Button LTC4222 Datasheet HTML 24Page - Linear Technology LTC4222 Datasheet HTML 25Page - Linear Technology LTC4222 Datasheet HTML 26Page - Linear Technology LTC4222 Datasheet HTML 27Page - Linear Technology LTC4222 Datasheet HTML 28Page - Linear Technology LTC4222 Datasheet HTML 29Page - Linear Technology LTC4222 Datasheet HTML 30Page - Linear Technology LTC4222 Datasheet HTML 31Page - Linear Technology LTC4222 Datasheet HTML 32Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
LTC2945
30
2945f
PACKAGE DESCRIPTION
MS Package
12-Lead Plastic MSOP
(Reference LTC DWG # 05-08-1668 Rev Ø)
MSOP (MS12) 1107 REV Ø
0.53
0.152
(.021
.006)
SEATING
PLANE
0.18
(.007)
1.10
(.043)
MAX
0.22 – 0.38
(.009 – .015)
TYP
0.86
(.034)
REF
0.650
(.0256)
BSC
12 11 10 9 8 7
NOTE:
1. DIMENSIONS IN MILLIMETER/(INCH)
2. DRAWING NOT TO SCALE
3. DIMENSION DOES NOT INCLUDE MOLD FLASH, PROTRUSIONS OR GATE BURRS.
MOLD FLASH, PROTRUSIONS OR GATE BURRS SHALL NOT EXCEED 0.152mm (.006") PER SIDE
4. DIMENSION DOES NOT INCLUDE INTERLEAD FLASH OR PROTRUSIONS.
INTERLEAD FLASH OR PROTRUSIONS SHALL NOT EXCEED 0.152mm (.006") PER SIDE
5. LEAD COPLANARITY (BOTTOM OF LEADS AFTER FORMING) SHALL BE 0.102mm (.004") MAX
0.254
(.010)
0 – 6 TYP
DETAIL “A”
DETAIL “A”
GAUGE PLANE
5.23
(.206)
MIN
3.20 – 3.45
(.126 – .136)
0.889
0.127
(.035
.005)
RECOMMENDED SOLDER PAD LAYOUT
0.42
0.038
(.0165
.0015)
TYP
0.65
(.0256)
BSC
4.039
0.102
(.159
.004)
(NOTE 3)
0.1016
0.0508
(.004
.002)
12 3 4 5 6
3.00
0.102
(.118
.004)
(NOTE 4)
0.406
0.076
(.016
.003)
REF
4.90
0.152
(.193
.006)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com