Electronic Components Datasheet Search
  English  ▼

X  

LTC4261 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC4261
Description  Wide Range I2C Power Monitor Rail-to-Rail Input Range: 0V to 80V
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4261 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC4261 Datasheet HTML 4Page - Linear Technology LTC4261 Datasheet HTML 5Page - Linear Technology LTC4261 Datasheet HTML 6Page - Linear Technology LTC4261 Datasheet HTML 7Page - Linear Technology LTC4261 Datasheet HTML 8Page - Linear Technology LTC4261 Datasheet HTML 9Page - Linear Technology LTC4261 Datasheet HTML 10Page - Linear Technology LTC4261 Datasheet HTML 11Page - Linear Technology LTC4261 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
LTC2945
8
2945f
PIN FUNCTIONS
ADIN: ADC Input. The onboard ADC measures voltages
between 0V and 2.048V. Tie to ground if unused.
ADR1, ADR0: I2C Device Address Inputs. Connecting these
pins to INTVCC, GND or leaving the pins open configures
one of nine possible addresses. See Table 1 in Applications
Information section for details.
ALERT: Fault Alert Output. Open drain logic output that
is pulled to ground after an ADC conversion resulted in
a fault to alert the host controller. A fault alert is enabled
by setting the corresponding bit in the ALERT register
as shown in Table 4. This device is compatible with the
SMBus alert protocol. See Applications Information. Tie
to ground if unused.
EXPOSED PAD (Pin 13, DD Package Only): Exposed pad
may be left open or connected to device ground. For best
thermal performance, connect to a large PCB area.
GND: Device Ground.
INTVCC: Internal Low Voltage Supply Input/Output. This
pin is used to power internal circuitry. It can be config-
ured as a direct input for a low voltage supply, as linear
regulator from higher voltage supply connected to VDD,
or as a shunt regulator. Connect this pin directly to a 2.7V
to 5.9V supply if available. When INTVCC is powered from
an external supply, short the VDD pin to INTVCC. If VDD
is connected to a 4V to 80V supply, INTVCC becomes the
5V output of an internal series regulator that can supply
up to 10mA to external circuitry. For even higher supply
voltages or if a floating topology is desired, INTVCC can
be used as a 6.3V shunt regulator. Connect the supply to
INTVCC through a shunt resistor that limits the current to
less than 35mA. An undervoltage lockout circuit disables
the ADC when the voltage at this pin drops below 2.5V.
Connect a bypass capacitor between 0.1μF and 1μF from
this pin to ground.
SCL: I2C Bus Clock Input. Data at the SDAI pin is shifted
in or out on rising edges of SCL. This pin is driven by an
open-collector output from a master controller. An external
pull-up resistor or current source is required and can be
placed between SCL and VDD or INTVCC. The voltage at
SCL is internally clamped to 6.4V (5.9V minimum)
SDAI: I2C Bus Data Input. Used for shifting in address,
command or data bits. This pin is driven by an open-
collector output from a master controller. An external
pull-up resistor or current source is required and can be
placed between SDAI and VDD or INTVCC. The voltage at
SDAI is internally clamped to 6.4V (5.9V minimum)
SDAO: I2C Bus Data Output. Open-drain output used for
sendingdatabacktothemastercontrolleroracknowledging
a write operation. An external pull-up resistor or current
source is required.
SDAO: Inverted I2C Bus Data Output. Open-drain output
used for sending data back to the master controller or
acknowledging a write operation. Data is inverted for
convenience of opto-isolation. An external pull-up resistor
or current source is required.
SENSE+:
Supply Voltage and Current Sense Input. Used as
a supply and current sense input for the internal current
sense amplifier. The voltage at this pin is monitored by the
onboard ADC with a full-scale input range of 102.4V. See
Figure 16 for recommended Kelvin connection.
SENSE–:
Current Sense Input. Connect an external sense
resistor between SENSE+ and SENSE–. The differential
voltage between SENSE+ and SENSE– is monitored by the
onboard ADC with a full-scale sense voltage of 102.4mV.
VDD:HighVoltageSupplyInput.Thispinpowersaninternal
series regulator with input voltages ranging from 4V to
80V and produces 5V at INTVCC when the input voltage
is above 7V. Connect a bypass capacitor between 0.1μF
and 1μF from this pin to ground if external load is pres-
ent on the INTVCC pin. The onboard 12-bit ADC can be
configured to monitor the voltage at VDD with a full-scale
input range of 102.4V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com