Electronic Components Datasheet Search
  English  ▼

X  

LTC4261 Datasheet(PDF) 27 Page - Linear Technology

Part # LTC4261
Description  Wide Range I2C Power Monitor Rail-to-Rail Input Range: 0V to 80V
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4261 Datasheet(HTML) 27 Page - Linear Technology

Back Button LTC4261 Datasheet HTML 23Page - Linear Technology LTC4261 Datasheet HTML 24Page - Linear Technology LTC4261 Datasheet HTML 25Page - Linear Technology LTC4261 Datasheet HTML 26Page - Linear Technology LTC4261 Datasheet HTML 27Page - Linear Technology LTC4261 Datasheet HTML 28Page - Linear Technology LTC4261 Datasheet HTML 29Page - Linear Technology LTC4261 Datasheet HTML 30Page - Linear Technology LTC4261 Datasheet HTML 31Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
LTC2945
27
2945f
TYPICAL APPLICATIONS
Power Monitoring in –48V System Using External Linear Regulator to Supply Opto-couplers and SCL/SDA Resistive Pull-Ups
Wide Range Dual Supply Monitor with Single LTC2945
VCC
GND
C1
1μF
PS9817-2
CONTROL REGISTER A2 = 0
VEE
PS9817-2
2945 TA07
ADR0
ADIN
ADR1
SCL
VDD
INTVCC
VEE
SDAI
SDAO
ALERT
SENSE–
GND
SENSE+
LTC2945
LT3010-5
VCC
GND
–48V
RTN
VEE
–48V INPUT
R7
0.5k
R3
0.51k
R4
1k
VOUT
R8
0.51k
R9
1k
R10
1k
R11
10k
5V
5V
RSNS
0.02Ω
VDD
GND
μP
SCL
SDA
INT
R1
1k
R2
10k
IN
SHDN
OUT
SENSE
GND
C3
0.1μF
C2
1μF
* SELECT RSHUNT ACCORDING TO THE EQUATION IN THE “FLEXIBLE POWER SUPPLY TO LTC2945” SECTION.
** VOLTAGE DATA HAS AN OFFSET VALUE DUE TO D1’S DROP, IF DESIRABLE THIS CAN BE COMPENSATED THROUGH SOFTWARE.
RADIN
20k
2945 TA08
RSNS
0.02Ω
C3
0.1μF
C2
0.1μF
ADR0
ADR1
VDD
INTVCC
SDAI
SCL
SDAO
ALERT
ADIN
SENSE+
GND
SENSE–
LTC2945
LTC6102
RIN2
1k
RSHUNT*
D2
BAT54
D1
BAT54
RIN1
1k
C1
0.1μF
RSNS1
0.02Ω
V+
V–
VREG
–INF –INS
OUT
+IN
SUPPLY B
4.5V TO 80V
SUPPLY A
4.5V TO 80V
I2C
INTERFACE
TO
LOAD
SUPPLY A
SENSE+
ΔSENSE INTERNALLY GENERATED
USE EXTERNAL μP TO MULTIPLY VOLTAGE (VDD)
AND CURRENT (ADIN) DATA
ADIN
VDD**
1
VOLTAGE
DATA
CURRENT
DATA
POWER
DATA
CONTROL REG
A2
0
SUPPLY B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com