Electronic Components Datasheet Search
  English  ▼

X  

LTC4261 Datasheet(PDF) 23 Page - Linear Technology

Part # LTC4261
Description  Wide Range I2C Power Monitor Rail-to-Rail Input Range: 0V to 80V
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4261 Datasheet(HTML) 23 Page - Linear Technology

Back Button LTC4261 Datasheet HTML 19Page - Linear Technology LTC4261 Datasheet HTML 20Page - Linear Technology LTC4261 Datasheet HTML 21Page - Linear Technology LTC4261 Datasheet HTML 22Page - Linear Technology LTC4261 Datasheet HTML 23Page - Linear Technology LTC4261 Datasheet HTML 24Page - Linear Technology LTC4261 Datasheet HTML 25Page - Linear Technology LTC4261 Datasheet HTML 26Page - Linear Technology LTC4261 Datasheet HTML 27Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
LTC2945
23
2945f
APPLICATIONS INFORMATION
Table 5. STATUS Register C (02h) - Read
BIT
NAME
OPERATION
C7
POWER Overvalue Present
Indicates POWER Overvalue When POWER is > Maximum Power Threshold;
1 = POWER Overvalue,
0 = POWER Not Overvalue
C6
POWER Undervalue Present
Indicates POWER Undervalue When POWER is < Minimum Power Threshold;
1 = POWER Undervalue,
0 = POWER Not Undervalue
C5
ΔSENSE Overvalue Present
Indicates ΔSENSE Overvalue When ΔSENSE is > Maximum ΔSENSE Threshold;
1 = ΔSENSE Overvalue,
0 = ΔSENSE Not Overvalue
C4
ΔSENSE Undervalue Present
Indicates ΔSENSE Undervalue When ΔSENSE is < Minimum ΔSENSE Threshold;
1 = ΔSENSE Undervalue,
0 = ΔSENSE Not Undervalue
C3
VIN Overvalue Present
Indicates VIN Overvalue When VIN is > Maximum VIN Threshold;
1 = VIN Overvalue,
0 = VIN Not Overvalue
C2
VIN Undervalue Present
Indicates VIN Undervalue When VIN is < Minimum VIN Threshold;
1 = VIN Undervalue,
0 = VIN Not Undervalue
C1
ADIN Overvalue Present
Indicates ADIN Overvalue When ADIN is > Maximum ADIN Threshold;
1 = ADIN Overvalue,
0 = ADIN Not Overvalue
C0
ADIN Undervalue Present
Indicates ADIN Undervalue When ADIN is < Minimum ADIN Threshold;
1 = ADIN Undervalue,
0 = ADIN Not Undervalue
Table 6. FAULT Register D (03h) - Read/Write
BIT
NAME
OPERATION
D7
POWER Overvalue Fault
Occurred
Indicates POWER Overvalue Fault When POWER was > Maximum Power Threshold;
1 = POWER Overvalue Fault Occurred,
0 = No POWER Overvalue Faults
D6
POWER Undervalue Fault
Occurred
Indicates POWER Undervalue Fault When POWER was < Minimum Power Threshold;
1 = POWER Undervalue Fault Occurred,
0 = No POWER Undervalue Faults
D5
ΔSENSE Overvalue Fault
Occurred
Indicates ΔSENSE Overvalue Fault When ΔSENSE was > Maximum ΔSENSE Threshold;
1 = ΔSENSE Overvalue Fault Occurred,
0 = No ΔSENSE Overvalue Faults
D4
ΔSENSE Undervalue Fault
Occurred
Indicates ΔSENSE Undervalue Fault When ΔSENSE was < Minimum ΔSENSE Threshold;
1 = ΔSENSE Undervalue Fault Occurred,
0 = No ΔSENSE Undervalue Faults
D3
VIN Overvalue Fault
Occurred
Indicates VIN Overvalue Fault When VIN was > Maximum VIN Threshold;
1 = VIN Overvalue Fault Occurred,
0 = No VIN Overvalue Faults
D2
VIN Undervalue Fault
Occurred
Indicates VIN Undervalue Fault When VIN was < Minimum VIN Threshold;
1 = VIN Undervalue Fault Occurred,
0 = No VIN Undervalue Faults
D1
ADIN Overvalue Fault
Occurred
Indicates ADIN Overvalue Fault When ADIN was > Maximum ADIN Threshold;
1 = ADIN Overvalue Fault Occurred,
0 = No ADIN Overvalue Faults
D0
ADIN Undervalue Fault
Occurred
Indicates ADIN Undervalue Fault When ADIN was < Minimum ADIN Threshold;
1 = ADIN Undervalue Fault Occurred,
0 = No ADIN Undervalue Faults



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com