Electronic Components Datasheet Search
  English  ▼

X  

LT1389 Datasheet(PDF) 10 Page - Linear Technology

Part # LT1389
Description  Energy Harvesting DC/DC with Battery Backup Low Noise LDO Post Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1389 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1389 Datasheet HTML 6Page - Linear Technology LT1389 Datasheet HTML 7Page - Linear Technology LT1389 Datasheet HTML 8Page - Linear Technology LT1389 Datasheet HTML 9Page - Linear Technology LT1389 Datasheet HTML 10Page - Linear Technology LT1389 Datasheet HTML 11Page - Linear Technology LT1389 Datasheet HTML 12Page - Linear Technology LT1389 Datasheet HTML 13Page - Linear Technology LT1389 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
LTC3330
10
3330p
For more information www.linear.com/LTC3330
pin FuncTions
BAL (Pin 1): Supercapacitor Balance Point. The common
node of a stack of two supercapacitors is connected to
BAL. A source/sink balancing current of up to 10mA is
available. Tie BAL along with SCAP to GND to disable the
balancer and its associated quiescent current.
SCAP (Pin 2): Supply and Sense Point for Supercapacitor
Balancer. Tie the top of a 2-capacitor stack to SCAP and
the middle of the stack to BAL to activate balancing. Tie
SCAP along with BAL to GND to disable the balancer and
its associated quiescent current.
VIN2 (Pin 3): Internal Low Voltage Rail to Serve as Gate
Drive for Buck NMOS Switch. Connect a 4.7µF (or larger)
capacitor from VIN2 to GND. This pin is not intended for
use as an external system rail.
UV3, UV2, UV1, UV0 (Pins 4, 5, 6, 7): UVLO Select Bits
for the Buck Switching Regulator. Tie high to VIN2 or
low to GND to select the desired UVLO rising and falling
thresholds (see Table 4). Do not float.
AC1 (Pin 8): Input Connection for Piezoelectric Element
or Other AC Source (used in conjunction with AC2 for
differential AC inputs).
AC2 (Pin 9): Input Connection for Piezoelectric Element
or Other AC Source (used in conjunction with AC1 for
differential AC inputs).
VIN (Pin 10): Rectified Input Voltage. A capacitor on this
pin serves as an energy reservoir and input supply for the
buck regulator. The VIN voltage is internally clamped to a
maximum of 20V (typical).
CAP (Pin 11): Internal Rail Referenced to VIN to Serve
as Gate Drive for Buck PMOS Switch. Connect a 1μF (or
larger) capacitor between CAP and VIN. This pin is not
intended for use as an external system rail.
SW (Pin 12): Switch Node for the Buck Switching Regula-
tor. Connect a 22µH or greater external inductor between
this node and VOUT.
VOUT (Pin 13): Regulated Output Voltage Derived from the
Buck or Buck-Boost Switching Regulator.
SWB (Pin 14): Switch Node for the Buck-Boost Switching
Regulator.Connectanexternalinductorbetweenthisnode
and SWA of value per Table 3.
SWA (Pin 15): Switch Node for the Buck-Boost Switching
Regulator.Connectanexternalinductorbetweenthisnode
and SWB of value per Table 3.
BAT (Pin 16): Input for Battery. BAT serves as the input
to the buck-boost switching regulator.
IPK0, IPK1, IPK2 (Pins 17, 18, 19): IPEAK Select Bits
for the Buck-Boost Switching Regulator. Tie high to VIN3
or low to GND to select the desired IPEAK (see Table 3).
Do not float.
LDO_OUT (Pin 20): Regulated LDO Output. This output
can be used as a quiet supply. One mode is provided to run
the LDO as a current limited switch to alternately power
up and power down circuitry without low power modes.
LDO_IN (Pin 21): Input Voltage for the LDO regulator.
LDO2, LDO1, LDO0 (Pins 22, 23, 24): LDO Voltage Select
Bits. Tie high to LDO_IN or low to GND to select the desired
LDO_OUT voltage (see Table 2). Do not float.
LDO_EN(Pin25):LDOEnableInput.Activehighinputwith
logic levels referenced to LDO_IN. Do not float.
VIN3 (Pin 26): Internal Low Voltage Rail Used by the Priori-
tizer. Connect a 1µF (or larger) capacitor from VIN3 to GND.
This pin is not intended for use as an external system rail.
PGLDO (Pin 27): Power Good Output for LDO_OUT. Logic
level output referenced to an internal maximum rail (see
Operation). PGLDO transitioning high indicates 92.5%
(typical)regulationhasbeenreachedonLDO_OUT.PGLDO
remains high until LDO_OUT falls to 90.0% (typical) of
the programmed regulation point.
PGVOUT (Pin 28): Power Good Output for VOUT. Logic
level output referenced to an internal maximum rail (see
Operation). PGVOUT transitioning high indicates regula-
tion has been reached on VOUT (VOUT = Sleep Rising).
PGVOUT remains high until VOUT falls to 92.5% (typical)
of the programmed regulation point.
BAT_ON (Pin 29): Switcher Status. Logic level output
referenced to VIN3. EH_ON is high when the buck switch-
ing regulator is in use. It is pulled low when buck-boost
switching regulator is in use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com