Electronic Components Datasheet Search
  English  ▼

X  

LT1389 Datasheet(PDF) 12 Page - Linear Technology

Part # LT1389
Description  Energy Harvesting DC/DC with Battery Backup Low Noise LDO Post Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1389 Datasheet(HTML) 12 Page - Linear Technology

Back Button LT1389 Datasheet HTML 8Page - Linear Technology LT1389 Datasheet HTML 9Page - Linear Technology LT1389 Datasheet HTML 10Page - Linear Technology LT1389 Datasheet HTML 11Page - Linear Technology LT1389 Datasheet HTML 12Page - Linear Technology LT1389 Datasheet HTML 13Page - Linear Technology LT1389 Datasheet HTML 14Page - Linear Technology LT1389 Datasheet HTML 15Page - Linear Technology LT1389 Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
LTC3330
12
3330p
For more information www.linear.com/LTC3330
operaTion
Modes of Operation
The following four tables detail all programmable settings
on the LTC3330.
Table 1. Output Voltage Selection
OUT2
OUT1
OUT2
VOUT
0
0
0
1.8V
0
0
1
2.5V
0
1
0
2.8V
0
1
1
3.0V
1
0
0
3.3V
1
0
1
3.6V
1
1
0
4.5V
1
1
1
5.0V
Table 2. LDO Voltage Selection
LDO2
LDO1
LDO0
LDO_OUT
0
0
0
1.2V
0
0
1
1.5V
0
1
0
1.8V
0
1
1
2.0V
1
0
0
2.5V
1
0
1
3.0V
1
1
0
3.3V
1
1
1
= LDO_IN
Table 3. ILIM Selection
IPK2
IPK1
IPK0
ILIM
LMIN
0
0
0
5mA
1100µH
0
0
1
10mA
560µH
0
1
0
15mA
360µH
0
1
1
25mA
220µH
1
0
0
50mA
110µH
1
0
1
100mA
56µH
1
1
0
150mA
36µH
1
1
1
250mA
22µH
Table 4. VIN UVLO Threshold Selection
UV3
UV2
UV1
UV0
UVLO
RISING
UVLO
FALLING
0
0
0
0
4V
3V
0
0
0
1
5V
4V
0
0
1
0
6V
5V
0
0
1
1
7V
6V
0
1
0
0
8V
7V
0
1
0
1
8V
5V
0
1
1
0
10V
9V
0
1
1
1
10V
5V
1
0
0
0
12V
11V
1
0
0
1
12V
5V
1
0
1
0
14V
13V
1
0
1
1
14V
5V
1
1
0
0
16V
15V
1
1
0
1
16V
5V
1
1
1
0
18V
17V
1
1
1
1
18V
5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com