Electronic Components Datasheet Search
  English  ▼

X  

LT1389 Datasheet(PDF) 15 Page - Linear Technology

Part # LT1389
Description  Energy Harvesting DC/DC with Battery Backup Low Noise LDO Post Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1389 Datasheet(HTML) 15 Page - Linear Technology

Back Button LT1389 Datasheet HTML 11Page - Linear Technology LT1389 Datasheet HTML 12Page - Linear Technology LT1389 Datasheet HTML 13Page - Linear Technology LT1389 Datasheet HTML 14Page - Linear Technology LT1389 Datasheet HTML 15Page - Linear Technology LT1389 Datasheet HTML 16Page - Linear Technology LT1389 Datasheet HTML 17Page - Linear Technology LT1389 Datasheet HTML 18Page - Linear Technology LT1389 Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
LTC3330
15
3330p
For more information www.linear.com/LTC3330
this point the current in the inductor is equal to IPEAK and
the IPEAK comparator will trip turning off M1 and turn-
ing on M2 causing the inductor current to ramp down to
IZERO, completing the transition from buck-boost mode
to buck mode.
VOUT Power Good
A power good comparator is provided for the VOUT out-
put. It transitions high the first time the LTC3330 goes
to sleep, indicating that VOUT has reached regulation. It
transitions low when VOUT falls to 92.5% (typical) of its
value at regulation. The PGVOUT output is referenced to
an internal rail that is generated to be the highest of VIN2,
BAT, and VOUT less a Schottky diode drop.
Prioritizer
TheinputprioritizerontheLTC3330decideswhethertouse
the energy harvesting input or the battery input to power
VOUT. If a battery is powering the buck-boost converter
and harvested energy causes a UVLO rising transition on
VIN, the prioritizer will shut off the buck-boost and turn on
the buck, orchestrating a smooth transition that maintains
regulation of VOUT. When harvestable energy disappears,
theprioritizerwillfirstpollthebatteryvoltage.Ifthebattery
voltage is above 1.8V the prioritizer will switch back to
the buck-boost while maintaining regulation. If the bat-
tery voltage is below 1.8V the buck-boost is not enabled
and VOUT cannot be supported until harvestable energy
is again available. If either BAT or VIN is grounded, the
prioritizer allows the other input to run if its input is high
enough for operation.
When the prioritizer selects the VIN input the current on
the BAT input drops to zero. However, if the voltage on
BAT is higher than VIN2, 150nA (typical) will appear as
quiescent current on BAT due to internal level shifting.
This only affects a small range of battery voltages and
UVLO settings.
A digital output, EH_ON, is low when the prioritizer has
selected the BAT input and is high when the prioritizer has
selected the VIN input. The EH_ON output is referenced
to VIN3.
Low Drop Out Regulator
Anintegratedlowdropoutregulator(LDO)isavailablewith
its own input, LDO_IN. It will regulate LDO_OUT to seven
different output voltages based on the LDO[2:0] pins. An
eighth mode is provided to turn the LDO into a current-
limited switch in which the PMOS is always on. LDO_EN
enables the LDO when high and when low eliminates all
quiescent current on LDO_IN. The LDO is designed to
provide 50mA over a range of LDO_IN and LDO_OUT
combinations. A current limit set above 50mA is available
to dial back the current if the output is grounded or the
load demands more than 50mA. The LDO also features a
1ms soft-start for smooth output start-up.
A power good signal on the PGLDO pin indicates when
the voltage at LDO_OUT rises above 92.5% (typical) of its
final value, or after tripped, when the LDO_OUT falls below
90.0% of that value. The PGLDO output is referenced to
an internal rail that is generated to be the highest of VIN2,
BAT, and VOUT less a Schottky diode drop.
Supercapacitor
An integrated supercapacitor balancer with 165nA of
quiescent current is available to balance a stack of two
supercapacitors. Typically the input, SCAP, will tie to
VOUT to allow for increased energy storage at VOUT with
supercapacitors. The BAL pin is tied to the middle of the
stack and can source and sink 10mA to regulate the BAL
pin’s voltage to half that of the SCAP pin’s voltage. To
disable the balancer and its associated quiescent current
the SCAP and BAL pins can be tied to ground.
operaTion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com