Electronic Components Datasheet Search
  English  ▼

X  

LT3958 Datasheet(PDF) 13 Page - Linear Technology

Part # LT3958
Description  Wide Input Voltage Range Boost/SEPIC/Inverting Converter with 6A, 40V Switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3958 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT3958 Datasheet HTML 9Page - Linear Technology LT3958 Datasheet HTML 10Page - Linear Technology LT3958 Datasheet HTML 11Page - Linear Technology LT3958 Datasheet HTML 12Page - Linear Technology LT3958 Datasheet HTML 13Page - Linear Technology LT3958 Datasheet HTML 14Page - Linear Technology LT3958 Datasheet HTML 15Page - Linear Technology LT3958 Datasheet HTML 16Page - Linear Technology LT3958 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
LT3959
13
3959f
Boost Converter: Switch Duty Cycle and Frequency
The LT3959 can be configured as a boost converter for
the applications where the converter output voltage is
higher than the input voltage. Remember that boost con-
verters are not short-circuit protected. Under a shorted
output condition, the inductor current is limited only by
the input supply capability. For applications requiring a
step-up converter that is short-circuit protected, please
refer to the Applications Information section covering
SEPIC converters.
The conversion ratio as a function of duty cycle is:
VOUT
VIN
=
1
1
−D
in continuous conduction mode (CCM).
For a boost converter operating in CCM, the duty cycle
of the main switch can be calculated based on the output
voltage (VOUT) and the input voltage (VIN). The maximum
duty cycle (DMAX) occurs when the converter has the
minimum input voltage:
DMAX =
VOUT − VIN(MIN)
VOUT
The alternative to CCM, discontinuous conduction mode
(DCM) is not limited by duty cycle to provide high con-
version ratios at a given frequency. The price one pays
is reduced efficiency and substantially higher switching
current.
Boost Converter: Maximum Output Current Capability
and Inductor Selection
For the boost topology, the maximum average inductor
current is:
IL(MAX) = IO(MAX) •
1
1
−DMAX
APPLICATIONS INFORMATION
Due to the current limit of its internal power switch, the
LT3959 should be used in a boost converter whose maxi-
mum output current (IO(MAX)) is less than the maximum
output current capability by a sufficient margin (10% or
higher is recommended):
IO(MAX) <
VIN(MIN)
VOUT
• (6A – 0.5 •
ΔISW )
The inductor ripple current ΔISW has a direct effect on the
choice of the inductor value and the converter’s maximum
output current capability. Choosing smaller values of
ΔISW increases output current capability, but requires
large inductances and reduces the current loop gain (the
converter will approach voltage mode). Accepting larger
values of ΔISW provides fast transient response and
allows the use of low inductances, but results in higher
input current ripple and greater core losses, and reduces
output current capability.
Given an operating input voltage range, and having chosen
the operating frequency and ripple current in the inductor,
the inductor value of the boost converter can be determined
using the following equation:
L
=
VIN(MIN)
ΔISW •fOSC
•DMAX
The peak inductor current is the switch current limit (7A
typical), and the RMS inductor current is approximately
equal to IL(MAX). The user should choose the inductors
having sufficient saturation and RMS current ratings.
Boost Converter: Output Diode Selection
To maximize efficiency, a fast switching diode with low
forward drop and low reverse leakage is desirable. The
peak reverse voltage that the diode must withstand is
equal to the regulator output voltage plus any additional
ringing across its anode-to-cathode during the on-time.
The average forward current in normal operation is equal
to the output current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com