Electronic Components Datasheet Search
  English  ▼

X  

LT3958 Datasheet(PDF) 19 Page - Linear Technology

Part # LT3958
Description  Wide Input Voltage Range Boost/SEPIC/Inverting Converter with 6A, 40V Switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3958 Datasheet(HTML) 19 Page - Linear Technology

Back Button LT3958 Datasheet HTML 15Page - Linear Technology LT3958 Datasheet HTML 16Page - Linear Technology LT3958 Datasheet HTML 17Page - Linear Technology LT3958 Datasheet HTML 18Page - Linear Technology LT3958 Datasheet HTML 19Page - Linear Technology LT3958 Datasheet HTML 20Page - Linear Technology LT3958 Datasheet HTML 21Page - Linear Technology LT3958 Datasheet HTML 22Page - Linear Technology LT3958 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
LT3959
19
3959f
APPLICATIONS INFORMATION
Figure 5. Suggested Layout of the 2.5V to 8V Input. 12V Output Boost Converter in the Typical Application Section
3959 F05
LT3959
37
38
10
VIA TO VOUT
R1
R2
CSS
CVCC
RT
R5
RC
CC
R3
R4
D1
SW
SGND
L1
COUT
COUT
CIN
GND
VOUT
VIN
VIA TO VOUT
VIA TO VOUT
VIA TO VIN
VIAS TO SGND GROUND PLANE
VIAS TO SW PLANE
36 35 34 33 32 31 30
21
23
24
25
27
28
20
12 13 14 15 16 17
8
6
4
3
2
1
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com