Electronic Components Datasheet Search
  English  ▼

X  

LT3958 Datasheet(PDF) 3 Page - Linear Technology

Part # LT3958
Description  Wide Input Voltage Range Boost/SEPIC/Inverting Converter with 6A, 40V Switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3958 Datasheet(HTML) 3 Page - Linear Technology

  LT3958 Datasheet HTML 1Page - Linear Technology LT3958 Datasheet HTML 2Page - Linear Technology LT3958 Datasheet HTML 3Page - Linear Technology LT3958 Datasheet HTML 4Page - Linear Technology LT3958 Datasheet HTML 5Page - Linear Technology LT3958 Datasheet HTML 6Page - Linear Technology LT3958 Datasheet HTML 7Page - Linear Technology LT3958 Datasheet HTML 8Page - Linear Technology LT3958 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LT3959
3
3959f
ELECTRICAL CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN Operating Voltage
l
1.6
40
V
VIN Start-Up Voltage
RT = 27.4kΩ, FBX = 0
l
2.5
2.65
V
VIN Shutdown IQ
EN/UVLO < 0.4V
EN/UVLO = 1.15V
0.1
1
6
μA
μA
VIN Operating IQ
350
450
μA
DRIVE Shutdown Quiescent Current
EN/UVLO < 0.4V
EN/UVLO = 1.15V
0.1
0.1
1
2
μA
μA
DRIVE Quiescent Current (Not Switching)
RT = 27.4kΩ, DRIVE = 6V
2.0
2.5
mA
SW Pin Current Limit
l
6.0
7.0
8.0
A
SW Pin On Voltage
ISW = 3A
100
mV
SW Pin Leakage Current
SW = 40V
5
μA
Error Amplifier
FBX Regulation Voltage (VFBX(REG))
FBX > 0V
FBX < 0V
l
l
1.580
–0.815
1.6
–0.80
1.620
–0.785
V
V
FBX Pin Input Current
FBX = 1.6V
FBX = –0.8V
–10
80
130
10
nA
nA
Transconductance gm (ΔIVC/ΔVFBX)
FBX = VFBX(REG)
240
μs
VC Output Impedance
5MΩ
FBX Line Regulation [ΔVFBX(REG)/(ΔVIN • VFBX(REG))]
1.6V < VIN < 40V, FBX >0
1.6V < VIN < 40V, FBX <0
0.02
0.02
0.05
0.05
%/V
%/V
VC Source Current
FBX = 0V, VC = 1.3V
–13
μA
VC Sink Current
FBX = 1.7V, VC = 1.3V
FBX = –0.85V, VC = 1.3V
13
10
μA
μA
Oscillator
Switching Frequency
RT = 27.4k to SGND, VFBX = 1.6V
RT = 86.6k to SGND, VFBX = 1.6V
RT = 6.81k to SGND, VFBX = 1.6V
l
250
300
100
1000
340
kHz
kHz
kHz
RT Voltage
FBX = 1.6V, –0.8V
1.13
V
SW Minimum Off-Time
150
200
ns
SW Minimum On-Time
150
200
ns
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C, VIN = 12V, EN/UVLO = 12V, INTVCC = 4.75V, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com