Electronic Components Datasheet Search
  English  ▼

X  

TAS2505 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TAS2505
Description  Digital Input Mono Speaker Amp
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2505 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TAS2505 Datasheet HTML 12Page - Texas Instruments TAS2505 Datasheet HTML 13Page - Texas Instruments TAS2505 Datasheet HTML 14Page - Texas Instruments TAS2505 Datasheet HTML 15Page - Texas Instruments TAS2505 Datasheet HTML 16Page - Texas Instruments TAS2505 Datasheet HTML 17Page - Texas Instruments TAS2505 Datasheet HTML 18Page - Texas Instruments TAS2505 Datasheet HTML 19Page - Texas Instruments TAS2505 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
0
10
20
30
40
50
60
70
80
90
0
200
400
600
800
1000 1200 1400 1600 1800
Output Power (mWatt)
SPKVDD = 2.7 V
SPKVDD = 3 V
SPKVDD = 3.3 V
SPKVDD = 3.6 V
SPKVDD = 4.2 V
SPKVDD = 5.5 V
C007
TAS2505
SLAS778A – FEBRUARY 2013 – REVISED FEBRUARY 2013
www.ti.com
Figure 4-7. Total Power Consumption vs Output Power Consumption (Gain = 18 dB, Load = 4
Ω)
16
Typical Performance
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TAS2505



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com