Electronic Components Datasheet Search
  English  ▼

X  

TAS2505 Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # TAS2505
Description  Digital Input Mono Speaker Amp
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2505 Datasheet(HTML) 27 Page - Texas Instruments

Back Button TAS2505 Datasheet HTML 22Page - Texas Instruments TAS2505 Datasheet HTML 23Page - Texas Instruments TAS2505 Datasheet HTML 24Page - Texas Instruments TAS2505 Datasheet HTML 25Page - Texas Instruments TAS2505 Datasheet HTML 26Page - Texas Instruments TAS2505 Datasheet HTML 27Page - Texas Instruments TAS2505 Datasheet HTML 28Page - Texas Instruments TAS2505 Datasheet HTML 29Page - Texas Instruments TAS2505 Datasheet HTML 30Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
TAS2505
www.ti.com
SLAS778A – FEBRUARY 2013 – REVISED FEBRUARY 2013
Table 6-1. Summary of Register Map (continued)
Decimal
Hex
DESCRIPTION
PAGE NO.
REG. NO.
PAGE NO.
REG. NO.
62 - 70
0
0x3E-0x46
0x00
Page Select Register
62 - 70
1 - 7
0x3E-0x46
0x01 - 0x07
Reserved Registers
62 - 70
8 - 127
0x3E-0x46
0x08 - 0x7F
DAC Coefficients Buffer-B C(0:255)
71 - 255
0 - 127
0x47 - 0x7F
0x00 - 0x7F
Reserved Registers
spacer
Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Original (February 2013) to Revision A
Page
•
Deleted PO (Max Output power) SPKVDD = 5.5 V, THD = 10% .............................................................. 6
•
Changed PO (Max Output power) SPKVDD = 5.5 V value From: TYP = 2.1 W To: MAX = 2 W ......................... 6
Copyright © 2013, Texas Instruments Incorporated
Register Map
27
Submit Documentation Feedback
Product Folder Links: TAS2505



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com