Electronic Components Datasheet Search
  English  ▼

X  

ML5012 Datasheet(PDF) 25 Page - Minilogic Device Corporation Limited

Part # ML5012
Description  12 Bit SAR A/D Converter 4-pins Serial control interface CS, DIN, DOUT, SCK
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINILOGIC [Minilogic Device Corporation Limited]
Direct Link  http://www.minilogic.com.hk
Logo MINILOGIC - Minilogic Device Corporation Limited

ML5012 Datasheet(HTML) 25 Page - Minilogic Device Corporation Limited

Back Button ML5012 Datasheet HTML 21Page - Minilogic Device Corporation Limited ML5012 Datasheet HTML 22Page - Minilogic Device Corporation Limited ML5012 Datasheet HTML 23Page - Minilogic Device Corporation Limited ML5012 Datasheet HTML 24Page - Minilogic Device Corporation Limited ML5012 Datasheet HTML 25Page - Minilogic Device Corporation Limited ML5012 Datasheet HTML 26Page - Minilogic Device Corporation Limited ML5012 Datasheet HTML 27Page - Minilogic Device Corporation Limited ML5012 Datasheet HTML 28Page - Minilogic Device Corporation Limited ML5012 Datasheet HTML 29Page - Minilogic Device Corporation Limited  
Zoom Inzoom in Zoom Outzoom out
 25 / 29 page
background image
P25/29
Rev. M, May 2010
ML5012
Executing WR_AD command to deliver the internal voltage data and store the data into A/D register.
Internal reference voltage data stored in A/D register: A/D[11:0]
Internal reference voltage at AD Output Range = 0 (A/D Data : 0 ~ 4,095)
Comparison reference voltage = A/D[11:0] / 4096 * VR (V)
Note: A/D Register value (unsigned 12 bits) = Convert register value into decimal number
Internal reference voltage at AD Output Range = 1 (A/D Data : -2,047 ~ 2,047)
Register value is a 12 bits signed data which A/D[11] shows the sign of A/D Register value as
follow :
Case 1 : If A/D[11] = 0,
Comparison reference voltage = + A/D[10:0] / 2048 *VR (V)
Case 2 : If A/D[11] = 1,
Comparison reference voltage = - A/D[10:0] / 2048 *VR (V)
Note: A/D Register value (signed 12 bits) = Convert register value into decimal number.
6-3. Starting comparison
The comparison starts when the bit S/S of A/D configuration register is set. The operation mode should
be set upon starting of the comparison. All A/D configuration register settings are made at the same
time.
Setting to start comparison
Setting of A/D configuration register
Operation
EN, S/S = 1
Start of A/D conversion
MD = 1
Set operation mode to Comparison mode
Settings of bits other than those necessary to start comparison will not affect the comparison
operation. Please do not modify A/D configuration register, AD output range and PGA gain value
while the A/D converter is running.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com