Electronic Components Datasheet Search
  English  ▼

X  

ML5012 Datasheet(PDF) 27 Page - Minilogic Device Corporation Limited

Part # ML5012
Description  12 Bit SAR A/D Converter 4-pins Serial control interface CS, DIN, DOUT, SCK
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINILOGIC [Minilogic Device Corporation Limited]
Direct Link  http://www.minilogic.com.hk
Logo MINILOGIC - Minilogic Device Corporation Limited

ML5012 Datasheet(HTML) 27 Page - Minilogic Device Corporation Limited

Back Button ML5012 Datasheet HTML 21Page - Minilogic Device Corporation Limited ML5012 Datasheet HTML 22Page - Minilogic Device Corporation Limited ML5012 Datasheet HTML 23Page - Minilogic Device Corporation Limited ML5012 Datasheet HTML 24Page - Minilogic Device Corporation Limited ML5012 Datasheet HTML 25Page - Minilogic Device Corporation Limited ML5012 Datasheet HTML 26Page - Minilogic Device Corporation Limited ML5012 Datasheet HTML 27Page - Minilogic Device Corporation Limited ML5012 Datasheet HTML 28Page - Minilogic Device Corporation Limited ML5012 Datasheet HTML 29Page - Minilogic Device Corporation Limited  
Zoom Inzoom in Zoom Outzoom out
 27 / 29 page
background image
P27/29
Rev. M, May 2010
ML5012
8.
Summary of A/D Converter operations
Typical operation procedure of A/D converter is summarized as below The bit represented by [X] is user settable.
8-1. General procedure of using A/D conversion mode
The procedure below is to use the A/D converter in the A/D conversion mode. Steps below are to convert
the analog voltage between input channel CHA1 and CHB1 in differential input mode to digital value at
PGA gain = 0dB with A/D Output Range from -2,047 to 2,047, and VREF = (VR – AGND)/2
Operation
Setting
1
Start-up oscillator
ENOSC = 1
2
Set A/D Output Range : -2,047 to 2,047
AD_Range = 1
3
Set VREF = (VR – AGND)/2
VMID_EN = 1
4
Select differential analog input CHA1 and CHB1
CHAB_SEL[2:0] = ‘000’ and
CHB_SEL[2:0] = ‘000’
5
Set PGA Gain = 0 dB
PGA_Gain Register = ‘0000 0000’
6
Specify operation mode and start A/D converter
A/D Configuration Register = ‘1010’
This procedure starts the A/D converter. When A/D conversion time has elapsed, the A/D converter stops
and stores the result in A/D register A/D[11:0]. End of the operation can be verified by reading bits S/S
or EN that should be ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com