Electronic Components Datasheet Search
  English  ▼

X  

ML5012 Datasheet(PDF) 26 Page - Minilogic Device Corporation Limited

Part # ML5012
Description  12 Bit SAR A/D Converter 4-pins Serial control interface CS, DIN, DOUT, SCK
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINILOGIC [Minilogic Device Corporation Limited]
Direct Link  http://www.minilogic.com.hk
Logo MINILOGIC - Minilogic Device Corporation Limited

ML5012 Datasheet(HTML) 26 Page - Minilogic Device Corporation Limited

Back Button ML5012 Datasheet HTML 21Page - Minilogic Device Corporation Limited ML5012 Datasheet HTML 22Page - Minilogic Device Corporation Limited ML5012 Datasheet HTML 23Page - Minilogic Device Corporation Limited ML5012 Datasheet HTML 24Page - Minilogic Device Corporation Limited ML5012 Datasheet HTML 25Page - Minilogic Device Corporation Limited ML5012 Datasheet HTML 26Page - Minilogic Device Corporation Limited ML5012 Datasheet HTML 27Page - Minilogic Device Corporation Limited ML5012 Datasheet HTML 28Page - Minilogic Device Corporation Limited ML5012 Datasheet HTML 29Page - Minilogic Device Corporation Limited  
Zoom Inzoom in Zoom Outzoom out
 26 / 29 page
background image
P26/29
Rev. M, May 2010
ML5012
6-4. Indication of end of comparison
At the end of A/D conversion the bit S/S and bit EN are cleared. Monitoring one of these bits detects the
end of comparison.
There is an external pin (PADEOC) to indicate the end of conversion. When the conversion is completed,
an “H” pulse signal will be outputted to this pin.
6-5. Storing comparison result
The result of comparison sets the bit RSLT of A/D configuration register to either ‘1‘ or ‘0’ depending on
the level of the input voltages as shown below.
RSLT
Result
RSLT=0
Input voltage * PGA Gain < internal reference voltage
RSLT=1
Input voltage * PGA Gain > internal reference voltage
When the input voltage * PGA Gain is equal to the internal reference voltage, the level of bit RSLT is
undefined.
7. Setting MOSFET enable
When CE pin set to 1, all of the MOSFETs are disable. Executing STCH command to enable the MOSFET accordingly.
Each of these MOSFETs could be enabled or disable individually.
M1_EN
M2_EN
M3_EN
M4_EN
MOSFET
0
0
0
0
All MOSFETs turn off
1
0
0
0
MOSFET 1 turn on
0
1
0
0
MOSFET 2 turn on
0
0
1
0
MOSFET 3 turn on
0
0
0
1
MOSFET 4 turn on
1
1
1
1
All MOSFETs turn on



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com