Electronic Components Datasheet Search
  English  ▼

X  

LTC2974 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC2974
Description  Inverting or SEPIC 關Module DC/DC Converter with up to 700mA Output Current
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2974 Datasheet(HTML) 1 Page - Linear Technology

  LTC2974 Datasheet HTML 1Page - Linear Technology LTC2974 Datasheet HTML 2Page - Linear Technology LTC2974 Datasheet HTML 3Page - Linear Technology LTC2974 Datasheet HTML 4Page - Linear Technology LTC2974 Datasheet HTML 5Page - Linear Technology LTC2974 Datasheet HTML 6Page - Linear Technology LTC2974 Datasheet HTML 7Page - Linear Technology LTC2974 Datasheet HTML 8Page - Linear Technology LTC2974 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
LTM8045
1
8045fa
For more information www.linear.com/8045
TYPICAL APPLICATION
FEATURES
DESCRIPTION
Inverting or SEPIC µModule
DC/DC Converter with Up
to 700mA Output Current
The LTM®8045 is a µModule® (micromodule) DC/DC
converter that can be configured as a SEPIC or inverting
converter by simply grounding the appropriate output rail.
In a SEPIC configuration the regulated output voltage can
beabove,beloworequaltotheinputvoltage.TheLTM8045
includes power devices, inductors, control circuitry and
passive components. All that is needed to complete the
design are input and output capacitors, and small resis-
tors to set the output voltage and switching frequency.
Other components may be used to control the soft-start
and undervoltage lockout.
The LTM8045 is packaged in a compact (6.25mm ×
11.25mm) overmolded ball grid array (BGA) package suit-
able for automated assembly by standard surface mount
equipment. The LTM8045 is RoHS compliant.
L
, LT, LTC, LTM, Linear Technology, the Linear logo, µModule and PolyPhase are registered
trademarks and Soft-Start is a trademark of Linear Technology Corporation. All other
trademarks are the property of their respective owners.
APPLICATIONS
n
SEPIC or Inverting Topology
n
Wide Input Voltage Range: 2.8V to 18V
n
Up to 700mA Output Current at VIN = 12V,
VOUT = 2.5V or –2.5V
n
Up to 375mA Output Current at VIN = 12V,
VOUT =15V or –15V
n
2.5V to 15V or –2.5V to –15V Output Voltage
n
Selectable Switching Frequency: 200kHz to 2MHz
n
Programmable Soft-Start™
n
User Configurable Undervoltage Lockout
n
6.25mm × 11.25mm × 4.92mm BGA Package
n
Battery Powered Regulator
n
Local Negative Voltage Regulator
n
Low Noise Amplifier Power
Use Two LTM8045s to Generate ±5V
4.7µF
VIN
2.8VDC TO 18VDC
VIN
VOUT–
VOUT
–5V
VOUT
5V
FB
VOUT+
RUN
LTM8045
SS
RT
SYNC
GND
60.4k
22µF
130k
VIN
VOUT–
FB
8045 TA01b
VOUT+
RUN
LTM8045
SS
RT
SYNC
GND
45.3k
100µF
115k
Maximum Output Current
vs Input Voltage
INPUT VOLTAGE (V)
100
700
600
800
200
300
500
400
8045 TA01b
2
8
10
4
6
12
14
16
18
±2.5VOUT
±3.3VOUT
±5VOUT
±8VOUT
±12VOUT
±15VOUT


Similar Part No. - LTC2974

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2974 LINER-LTC2974 Datasheet
1Mb / 32P
Wide Range I2C Power Monitor Rail-to-Rail Input Range: 0V to 80V
LTC2974 LINER-LTC2974 Datasheet
469Kb / 28P
de36VIN, 5A 關Module Regulator with 5-Output Configurable LDO Array
logo
Linear Dimensions Semic...
LTC2974 LINEAR_DIMENSIONS-LTC2974 Datasheet
872Kb / 30P
Dual 8A per Channel Low VIN DC/DC 關Module Regulator
logo
Linear Technology
LTC2974 LINER-LTC2974 Datasheet
1Mb / 98P
4-Channel PMBus Power System Manager
LTC2974 LINER-LTC2974 Datasheet
746Kb / 32P
Triple Output 5A/5A/4A Step-Down DC/DC 關Module짰 Regulator
More results

Similar Description - LTC2974

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN8014S PANASONIC-AN8014S Datasheet
151Kb / 18P
Step-down, step-up, or inverting DC-DC converter control IC
logo
STMicroelectronics
STOD1412 STMICROELECTRONICS-STOD1412 Datasheet
532Kb / 21P
Step-up and inverting DC-DC converter
31-Aug-2007
logo
Linear Technology
LTM8008 LINER-LTM8008 Datasheet
245Kb / 16P
72VIN, 6 Output DC/DC SEPIC 關Module Regulator
logo
Torex Semiconductor
XC9519 TOREX-XC9519 Datasheet
1Mb / 38P
Dual Output Step-Up/Inverting DC/DC Converter
logo
Linear Technology
LTM8008 LINER-LTM8008_15 Datasheet
250Kb / 16P
72VIN, 6 Output DC/DC SEPIC Module Regulator
LTM8045 LINER-LTM8045_15 Datasheet
289Kb / 22P
Inverting or SEPIC Module DC/DC Converter with Up to 700mA Output Current
LT8582 LINER-LT8582_15 Datasheet
454Kb / 36P
Dual 3A Boost/Inverting/SEPIC DC/DC Converter with Fault Protection
logo
Linear Integrated Syste...
LTM8049 LINEAR-LTM8049 Datasheet
1Mb / 18P
Dual SEPIC or Inverting Module DC DC Converter
logo
Linear Technology
LT8582 LINER-LT8582 Datasheet
368Kb / 8P
Dual 3A Boost/Inverting/SEPIC DC/DC Converter
LTM8049 LINER-LTM8049 Datasheet
1Mb / 20P
Dual SEPIC or Inverting 關Module DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com