Electronic Components Datasheet Search
  English  ▼

X  

LTC2974 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC2974
Description  Inverting or SEPIC 關Module DC/DC Converter with up to 700mA Output Current
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2974 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC2974 Datasheet HTML 14Page - Linear Technology LTC2974 Datasheet HTML 15Page - Linear Technology LTC2974 Datasheet HTML 16Page - Linear Technology LTC2974 Datasheet HTML 17Page - Linear Technology LTC2974 Datasheet HTML 18Page - Linear Technology LTC2974 Datasheet HTML 19Page - Linear Technology LTC2974 Datasheet HTML 20Page - Linear Technology LTC2974 Datasheet HTML 21Page - Linear Technology LTC2974 Datasheet HTML 22Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
LTM8045
18
8045fa
For more information www.linear.com/8045
TYPICAL APPLICATIONS
–5V Inverting Converter with Added Output Filter
Output Ripple and Noise
500ns/DIV
MEASURED PER AN70,
USING HP461A AMPLIFIER,
150MHz BW
200µV/DIV
8045 TA03b
4.7µF
VIN
12VDC
VIN
VOUT–
VOUT
–5V
580mA
FB
8045 TA03
VOUT+
RUN
LTM8045
SS
RT
SYNC
GND
60.4k
22µF
10µF
130k
MPZ1608S601A
FERRITE BEAD
4.7µF
VIN
2.8VDC TO
18VDC
VIN
VOUT–
VOUT
–12V
FB
8045 TA04
VOUT+
RUN
LTM8045
SS
RT
SYNC
GND
143k
10µF
75.0k
–12V Inverting Converter
Maximum Output Current vs Input Voltage
–5VOUT Inverting Converter
–5V Inverting Converter
4.7µF
VIN
2.8VDC TO
18VDC
VIN
VOUT–
VOUT
–5V
FB
8045 TA02
VOUT+
RUN
LTM8045
SS
RT
SYNC
GND
60.4k
22µF
130k
INPUT VOLTAGE (V)
300
500
600
400
450
650
550
350
8045 TA02b
2
8
10
4
6
12
14
16
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com